Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 44 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 44 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 40Page - Microchip Technology 30F4013 Datasheet HTML 41Page - Microchip Technology 30F4013 Datasheet HTML 42Page - Microchip Technology 30F4013 Datasheet HTML 43Page - Microchip Technology 30F4013 Datasheet HTML 44Page - Microchip Technology 30F4013 Datasheet HTML 45Page - Microchip Technology 30F4013 Datasheet HTML 46Page - Microchip Technology 30F4013 Datasheet HTML 47Page - Microchip Technology 30F4013 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 44
 2010 Microchip Technology Inc.
5.4
RTSP Operation
The dsPIC30F Flash program memory is organized
into rows and panels. Each row consists of 32 instruc-
tions or 96 bytes. Each panel consists of 128 rows or
4K x 24 instructions. RTSP allows the user to erase one
row (32 instructions) at a time and to program four
instructions at one time. RTSP may be used to program
multiple program memory panels, but the Table Pointer
must be changed at each panel boundary.
Each panel of program memory contains write latches
that hold 32 instructions of programming data. Prior to
the actual programming operation, the write data must
be loaded into the panel write latches. The data to be
programmed into the panel is loaded in sequential
order into the write latches; instruction 0, instruction 1,
etc. The instruction words loaded must always be from
a 32 address boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the write latches. Programming is performed by
setting the special bits in the NVMCON register.
32 TBLWTL
and four
TBLWTH
instructions are
required to load the 32 instructions. If multiple panel
programming is required, the Table Pointer needs to be
changed and the next set of multiple write latches
written.
All of the table write operations are single-word writes
(2 instruction cycles), because only the table latches
are written. A programming cycle is required for
programming each row.
The Flash program memory is readable, writable and
erasable during normal operation over the entire VDD
range.
5.5
Control Registers
The four SFRs used to read and write the program
Flash memory are:
•NVMCON
• NVMADR
• NVMADRU
• NVMKEY
5.5.1
NVMCON REGISTER
The NVMCON register controls which blocks are to be
erased, which memory type is to be programmed and
the start of the programming cycle.
5.5.2
NVMADR REGISTER
The NVMADR register is used to hold the lower two
bytes of the Effective Address. The NVMADR register
captures the EA<15:0> of the last table instruction that
has been executed and selects the row to write.
5.5.3
NVMADRU REGISTER
The NVMADRU register is used to hold the upper byte
of the Effective Address. The NVMADRU register cap-
tures the EA<23:16> of the last table instruction that
has been executed.
5.5.4
NVMKEY REGISTER
NVMKEY is a write-only register that is used for write
protection.
To
start
a
programming
or
erase
sequence, the user must consecutively write 0x55 and
0xAA to the NVMKEY register. Refer to Section 5.6
“Programming Operations” for further details.
Note:
The user can also directly write to the
NVMADR and NVMADRU registers to
specify a program memory address for
erasing or programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com