Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 16 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 12Page - Microchip Technology 30F4013 Datasheet HTML 13Page - Microchip Technology 30F4013 Datasheet HTML 14Page - Microchip Technology 30F4013 Datasheet HTML 15Page - Microchip Technology 30F4013 Datasheet HTML 16Page - Microchip Technology 30F4013 Datasheet HTML 17Page - Microchip Technology 30F4013 Datasheet HTML 18Page - Microchip Technology 30F4013 Datasheet HTML 19Page - Microchip Technology 30F4013 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 16
 2010 Microchip Technology Inc.
The core does not support a multi-stage instruction
pipeline. However, a single-stage instruction prefetch
mechanism is used, which accesses and partially
decodes instructions a cycle ahead of execution, in
order to maximize available execution time. Most
instructions execute in a single cycle with certain
exceptions.
The core features a vectored exception processing
structure for traps and interrupts, with 62 independent
vectors. The exceptions consist of up to 8 traps (of
which 4 are reserved) and 54 interrupts. Each interrupt
is prioritized based on a user-assigned priority between
1 and 7 (1 being the lowest priority and 7 being the
highest), in conjunction with a predetermined ‘natural
order’. Traps have fixed priorities ranging from 8 to 15.
2.2
Programmer’s Model
The programmer’s model is shown in Figure 2-1 and
consists of 16 x 16-bit working registers (W0 through
W15), 2 x 40-bit accumulators (AccA and AccB),
STATUS register (SR), Data Table Page register
(TBLPAG), Program Space Visibility Page register
(PSVPAG), DO and REPEAT registers (DOSTART,
DOEND, DCOUNT and RCOUNT) and Program Coun-
ter (PC). The working registers can act as data,
address or offset registers. All registers are memory
mapped. W0 acts as the W register for file register
addressing.
Some of these registers have a shadow register asso-
ciated with each of them, as shown in Figure 2-1. The
shadow register is used as a temporary holding register
and can transfer its contents to or from its host register
upon the occurrence of an event. None of the shadow
registers are accessible directly. The following rules
apply for transfer of registers into and out of shadows.
• PUSH.S and POP.S
W0, W1, W2, W3, SR (DC, N, OV, Z and C bits
only) are transferred.
• DO instruction
DOSTART, DOEND, DCOUNT shadows are
pushed on loop start and popped on loop end.
When a byte operation is performed on a working
register, only the Least Significant Byte of the target
register is affected. However, a benefit of memory
mapped working registers is that both the Least and
Most Significant Bytes can be manipulated through
byte-wide data memory space accesses.
2.2.1
SOFTWARE STACK POINTER/
FRAME POINTER
The dsPIC® DSC devices contain a software stack.
W15 is the dedicated Software Stack Pointer (SP) and
is automatically modified by exception processing and
subroutine calls and returns. However, W15 can be ref-
erenced by any instruction in the same manner as all
other W registers. This simplifies the reading, writing
and manipulation of the Stack Pointer (e.g., creating
Stack Frames).
W15 is initialized to 0x0800 during a Reset. The user
may reprogram the SP during initialization to any
location within data space.
W14 has been dedicated as a Stack Frame Pointer, as
defined by the LNK and ULNK instructions. However,
W14 can be referenced by any instruction in the same
manner as all other W registers.
2.2.2
STATUS REGISTER
The dsPIC DSC core has a 16-bit STATUS register
(SR), the Least Significant Byte (LSB) of which is
referred to as the SR Low byte (SRL) and the Most
Significant Byte (MSB) as the SR High byte (SRH). See
Figure 2-1 for SR layout.
SRL contains all the MCU ALU operation status flags
(including the Z bit), as well as the CPU Interrupt Prior-
ity Level Status bits, IPL<2:0> and the Repeat Active
Status bit, RA. During exception processing, SRL is
concatenated with the MSB of the PC to form a
complete word value which is then stacked.
The upper byte of the STATUS register contains the
DSP adder/subtracter Status bits, the DO Loop Active
bit (DA) and the Digit Carry (DC) Status bit.
2.2.3
PROGRAM COUNTER
The program counter is 23 bits wide; bit 0 is always
clear. Therefore, the PC can address up to 4M
instruction words.
Note:
In order to protect against misaligned
stack accesses, W15<0> is always clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com