Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 68 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 68 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 64Page - Microchip Technology 30F4013 Datasheet HTML 65Page - Microchip Technology 30F4013 Datasheet HTML 66Page - Microchip Technology 30F4013 Datasheet HTML 67Page - Microchip Technology 30F4013 Datasheet HTML 68Page - Microchip Technology 30F4013 Datasheet HTML 69Page - Microchip Technology 30F4013 Datasheet HTML 70Page - Microchip Technology 30F4013 Datasheet HTML 71Page - Microchip Technology 30F4013 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 68
 2010 Microchip Technology Inc.
9.1
Timer Gate Operation
The 16-bit timer can be placed in the Gated Time Accu-
mulation mode. This mode allows the internal TCY to
increment the respective timer when the gate input sig-
nal (T1CK pin) is asserted high. Control bit, TGATE
(T1CON<6>), must be set to enable this mode. The
timer must be enabled (TON = 1) and the timer clock
source set to internal (TCS = 0).
When the CPU goes into the Idle mode, the timer stops
incrementing unless TSIDL = 0. If TSIDL = 1, the timer
resumes the incrementing sequence upon termination
of the CPU Idle mode.
9.2
Timer Prescaler
The input clock (FOSC/4 or external clock) to the 16-bit
Timer has a prescale option of 1:1, 1:8, 1:64 and 1:256,
selected by control bits, TCKPS<1:0> (T1CON<5:4>).
The prescaler counter is cleared when any of the
following occurs:
• a write to the TMR1 register
• a write to the T1CON register
• device Reset, such as POR and BOR
However, if the timer is disabled (TON = 0), then the
timer prescaler cannot be reset since the prescaler
clock is halted.
TMR1 is not cleared when T1CON is written. It is
cleared by writing to the TMR1 register.
9.3
Timer Operation During Sleep
Mode
During CPU Sleep mode, the timer operates if:
• The timer module is enabled (TON = 1) and
• The timer clock source is selected as external
(TCS = 1) and
• The TSYNC bit (T1CON<2>) is asserted to a logic
‘0’ which defines the external clock source as
asynchronous.
When all three conditions are true, the timer continues
to count up to the Period register and is reset to
0x0000.
When a match between the timer and the Period
register occurs, an interrupt can be generated if the
respective timer interrupt enable bit is asserted.
9.4
Timer Interrupt
The 16-bit timer has the ability to generate an interrupt-
on-period match. When the timer count matches the
Period register, the T1IF bit is asserted and an interrupt
is generated, if enabled. The T1IF bit must be cleared in
software. The Timer Interrupt Flag, T1IF, is located in the
IFS0 Control register in the interrupt controller.
When the Gated Time Accumulation mode is enabled,
an interrupt is also generated on the falling edge of the
gate signal (at the end of the accumulation cycle).
Enabling an interrupt is accomplished via the respec-
tive timer interrupt enable bit, T1IE. The timer interrupt
enable bit is located in the IEC0 Control register in the
interrupt controller.
9.5
Real-Time Clock
Timer1, when operating in Real-Time Clock (RTC)
mode, provides time of day and event time-stamping
capabilities. Key operational features of the RTC are:
• Operation from 32 kHz LP oscillator
• 8-bit prescaler
•Low power
• Real-Time Clock interrupts
These operating modes are determined by setting the
appropriate bit(s) in the T1CON Control register.
FIGURE 9-2:
RECOMMENDED
COMPONENTS FOR
TIMER1 LP OSCILLATOR
RTC
9.5.1
RTC OSCILLATOR OPERATION
When the TON = 1, TCS = 1 and TGATE = 0, the timer
increments on the rising edge of the 32 kHz LP oscilla-
tor output signal, up to the value specified in the Period
register and is then reset to ‘0’.
The TSYNC bit must be asserted to a logic ‘0’
(Asynchronous mode) for correct operation.
Enabling LPOSCEN (OSCCON<1>) disables the nor-
mal Timer and Counter modes and enable a timer
carry-out wake-up event.
When the CPU enters Sleep mode, the RTC continues
to operate, provided the 32 kHz external crystal oscilla-
tor is active and the control bits have not been
changed. The TSIDL bit should be cleared to ‘0’ in
order for RTC to continue operation in Idle mode.
9.5.2
RTC INTERRUPTS
When an interrupt event occurs, the respective interrupt
flag, T1IF, is asserted and an interrupt is generated, if
enabled. The T1IF bit must be cleared in software. The
respective Timer Interrupt Flag, T1IF, is located in the
IFS0 register in the interrupt controller.
Enabling an interrupt is accomplished via the respec-
tive timer interrupt enable bit, T1IE. The timer interrupt
enable bit is located in the IEC0 Control register in the
interrupt controller.
SOSCI
SOSCO
R
C1
C2
dsPIC30FXXXX
32.768 kHz
XTAL
C1 = C2 = 18 pF; R = 100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com