Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 39 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 39 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 35Page - Microchip Technology 30F4013 Datasheet HTML 36Page - Microchip Technology 30F4013 Datasheet HTML 37Page - Microchip Technology 30F4013 Datasheet HTML 38Page - Microchip Technology 30F4013 Datasheet HTML 39Page - Microchip Technology 30F4013 Datasheet HTML 40Page - Microchip Technology 30F4013 Datasheet HTML 41Page - Microchip Technology 30F4013 Datasheet HTML 42Page - Microchip Technology 30F4013 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 39
dsPIC30F3014/4013
4.2.1
START AND END ADDRESS
The Modulo Addressing scheme requires that a start-
ing and an ending address be specified and loaded
into the 16-bit
Modulo
Buffer
Address
registers:
XMODSRT, XMODEND, YMODSRT and YMODEND
(see Table 3-3).
The length of a circular buffer is not directly specified. It
is
determined
by
the
difference
between
the
corresponding start and end addresses. The maximum
possible length of the circular buffer is 32K words
(64 Kbytes).
4.2.2
W ADDRESS REGISTER
SELECTION
The Modulo and Bit-Reversed Addressing Control reg-
ister MODCON<15:0> contains enable flags as well as
a W register field to specify the W address registers.
The XWM and YWM fields select which registers oper-
ate with Modulo Addressing. If XWM = 15, X RAGU
and X WAGU Modulo Addressing is disabled. Similarly,
if YWM = 15, Y AGU Modulo Addressing is disabled.
The X Address Space Pointer W register (XWM), to
which Modulo Addressing is to be applied, is stored in
MODCON<3:0> (see Table 3-3). Modulo Addressing is
enabled for X data space when XWM is set to any value
other than ‘15’ and the XMODEN bit is set at
MODCON<15>.
The Y Address Space Pointer W register (YWM), to
which Modulo Addressing is to be applied, is stored in
MODCON<7:4>. Modulo Addressing is enabled for Y
data space when YWM is set to any value other than
‘15’ and the YMODEN bit is set at MODCON<14>.
FIGURE 4-1:
MODULO ADDRESSING OPERATION EXAMPLE
Note:
Y space Modulo Addressing EA calcula-
tions assume word-sized data (LSb of
every EA is always clear).
0x0800
0x0863
Start Addr = 0x0800
End Addr = 0x0863
Length = 0x0032 words
Byte
Address
MOV
#0x800,W0
MOV
W0,XMODSRT
;set modulo start address
MOV
#0x863,W0
MOV
W0,MODEND
;set modulo end address
MOV
#0x8001,W0
MOV
W0,MODCON
;enable W1, X AGU for modulo
MOV
#0x0000,W0
;W0 holds buffer fill value
MOV
#0x800,W1
;point W1 to buffer
DO
AGAIN,#0x31
;fill the 50 buffer locations
MOV
W0,[W1++]
;fill the next location
AGAIN: INC
W0,W0
;increment the fill value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com