Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 14 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 10Page - Microchip Technology 30F4013 Datasheet HTML 11Page - Microchip Technology 30F4013 Datasheet HTML 12Page - Microchip Technology 30F4013 Datasheet HTML 13Page - Microchip Technology 30F4013 Datasheet HTML 14Page - Microchip Technology 30F4013 Datasheet HTML 15Page - Microchip Technology 30F4013 Datasheet HTML 16Page - Microchip Technology 30F4013 Datasheet HTML 17Page - Microchip Technology 30F4013 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 14
 2010 Microchip Technology Inc.
RA11
I/O
ST
PORTA is a bidirectional I/O port.
RB0-RB12
I/O
ST
PORTB is a bidirectional I/O port.
RC13-RC15
I/O
ST
PORTC is a bidirectional I/O port.
RD0-RD3,
RD8, RD9
I/O
ST
PORTD is a bidirectional I/O port.
RF0-RF5
I/O
ST
PORTF is a bidirectional I/O port.
SCK1
SDI1
SDO1
SS1
I/O
I
O
I
ST
ST
—
ST
Synchronous serial clock input/output for SPI1.
SPI1 data in.
SPI1 data out.
SPI1 slave synchronization.
SCL
SDA
I/O
I/O
ST
ST
Synchronous serial clock input/output for I2C™.
Synchronous serial data input/output for I2C.
SOSCO
SOSCI
O
I
—
ST/CMOS
32 kHz low-power oscillator crystal output.
32 kHz low-power oscillator crystal input. ST buffer when configured in RC
mode; CMOS otherwise.
T1CK
T2CK
I
I
ST
ST
Timer1 external clock input.
Timer2 external clock input.
U1RX
U1TX
U1ARX
U1ATX
I
O
I
O
ST
—
ST
—
UART1 receive.
UART1 transmit.
UART1 alternate receive.
UART1 alternate transmit.
VDD
P
—
Positive supply for logic and I/O pins.
VSS
P
—
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog voltage reference (high) input.
VREF-
I
Analog
Analog voltage reference (low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
ST
= Schmitt Trigger input with CMOS levels
O
= Output
I
= Input
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com