Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 217 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 217 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 213Page - Microchip Technology 30F4013 Datasheet HTML 214Page - Microchip Technology 30F4013 Datasheet HTML 215Page - Microchip Technology 30F4013 Datasheet HTML 216Page - Microchip Technology 30F4013 Datasheet HTML 217Page - Microchip Technology 30F4013 Datasheet HTML 218Page - Microchip Technology 30F4013 Datasheet HTML 219Page - Microchip Technology 30F4013 Datasheet HTML 220Page - Microchip Technology 30F4013 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 217
dsPIC30F3014/4013
APPENDIX A:
REVISION HISTORY
Revision D (June 2006)
Previous versions of this data sheet contained
Advance or Preliminary Information. They
were
distributed with incomplete characterization data.
This revision reflects these changes:
• Revised I2C Slave Addresses
(see Table 14-1)
• Updated example for ADC Conversion Clock
selection (see Section 19.0 “12-bit Analog-to-
Digital Converter (ADC) Module”)
• Base instruction CP1 eliminated from instruction
set (seeTable 21-2)
• Revised electrical characteristics:
- Operating Current (IDD) Specifications
(see Table 23-5)
- Idle Current (IIDLE) Specifications
(see Table 23-6)
- Power-down Current (IPD) Specifications
(see Table 23-7)
- I/O pin Input Specifications
(see Table 23-8)
- Brown Out Reset (BOR) Specifications
(see Table 23-11)
- Watchdog Timer time-out limits
(see Table 23-20)
Revision E (January 2007)
This revision includes updates to the packaging
diagrams.
Revision F (April 2008)
This revision reflects these updates:
• Added FUSE Configuration Register (FICD)
details (see Section 20.8 “Device Configuration
Registers” and Table 20-8)
• Added Note 2 in Device Configuration Registers
table (Table 20-8)
• Removed erroneous statement regarding genera-
tion of CAN receive errors (see Section 17.4.5
“Receive Errors”)
• Updated ADC Conversion Clock and Sampling
Rate Calculation (see Example 19-1). Minimum
TAD is 334 nsec.
• Updated details related to the Input Change
Notification module:
- Updated last sentence in the first paragraph
of Section 7.3 “Input Change Notification
Module”
- Updated Table 7-2
- Removed Table 7-3, Table 7-4, and Table 7-5
• Electrical Specifications:
- Resolved TBD values for parameters DO10,
DO16, DO20, and DO26 (see Table 23-9)
- 10-bit High-Speed ADC tPDU timing parame-
ter (time to stabilize) has been updated from
20 µs typical to 20 µs maximum (see
Table 23-38)
- Parameter OS65 (Internal RC Accuracy) has
been expanded to reflect multiple Min and
Max values for different temperatures (see
Table 23-18)
- Parameter DC12 (RAM Data Retention Volt-
age) has been updated to include a Min value
(see Table 23-4)
- Parameter D134 (Erase/Write Cycle Time)
has been updated to include Min and Max
values and the Typ value has been removed
(see Table 23-12)
- Removed parameters OS62 (Internal FRC
Jitter) and OS64 (Internal FRC Drift) and
Note 2 from AC Characteristics (see
Table 23-17)
- Parameter OS63 (Internal FRC Accuracy)
has been expanded to reflect multiple Min
and Max values for different temperatures
(see Table 23-17)
- Removed parameters DC27a, DC27b,
DC47a, and DC47b (references to IDD,
20 MIPs @ 3.3V) in Table 23-5 and
Table 23-6
- Removed parameters CS77 and CS78
(references to TRACL and TFACL @ 3.3V) in
Table 23-29
- Updated Min and Max values and Conditions
for parameter SY11 and updated Min, Typ,
and Max values and Conditions for
parameter SY20 (see Table 23-20)
• Additional minor corrections throughout the
document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com