Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 103 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 103 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 99Page - Microchip Technology 30F4013 Datasheet HTML 100Page - Microchip Technology 30F4013 Datasheet HTML 101Page - Microchip Technology 30F4013 Datasheet HTML 102Page - Microchip Technology 30F4013 Datasheet HTML 103Page - Microchip Technology 30F4013 Datasheet HTML 104Page - Microchip Technology 30F4013 Datasheet HTML 105Page - Microchip Technology 30F4013 Datasheet HTML 106Page - Microchip Technology 30F4013 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 103
dsPIC30F3014/4013
16.0
UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART) MODULE
This section describes the Universal Asynchronous
Receiver/Transmitter Communications module.
16.1
UART Module Overview
The key features of the UART module are:
• Full-duplex, 8 or 9-bit data communication
• Even, odd or no parity options (for 8-bit data)
• One or two Stop bits
• Fully integrated Baud Rate Generator with 16-bit
prescaler
• Baud rates range from 38 bps to 1.875 Mbps at a
30 MHz instruction rate
• 4-word deep transmit data buffer
• 4-word deep receive data buffer
• Parity, framing and buffer overrun error detection
• Support for interrupt only on address detect
(9th bit = 1)
• Separate transmit and receive interrupts
• Loopback mode for diagnostic support
• Two choices of TX/RX pins on UART1 module
FIGURE 16-1:
UART TRANSMITTER BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Write
Write
UTX8
UxTXREG Low Byte
Load TSR
Transmit Control
– Control TSR
– Control Buffer
– Generate Flags
– Generate Interrupt
Control and Status bits
UxTXIF
Data
‘0’ (Start)
‘1’ (Stop)
Parity
Parity
Generator
Transmit Shift Register (UxTSR)
16 Divider
Control
Signals
16x Baud Clock
from Baud Rate
Generator
Internal Data Bus
UTXBRK
UxTX
Note:
x = 1 or 2.
or UxATX
if ALTIO = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com