Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30F4013 Datasheet(PDF) 164 Page - Microchip Technology

Part # 30F4013
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 164 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 160Page - Microchip Technology 30F4013 Datasheet HTML 161Page - Microchip Technology 30F4013 Datasheet HTML 162Page - Microchip Technology 30F4013 Datasheet HTML 163Page - Microchip Technology 30F4013 Datasheet HTML 164Page - Microchip Technology 30F4013 Datasheet HTML 165Page - Microchip Technology 30F4013 Datasheet HTML 166Page - Microchip Technology 30F4013 Datasheet HTML 167Page - Microchip Technology 30F4013 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 164
 2010 Microchip Technology Inc.
29
DIV
DIV.S
Wm,Wn
Signed 16/16-Bit Integer Divide
1
18
N,Z,C,OV
DIV.SD
Wm,Wn
Signed 32/16-Bit Integer Divide
1
18
N,Z,C,OV
DIV.U
Wm,Wn
Unsigned 16/16-Bit Integer Divide
1
18
N,Z,C,OV
DIV.UD
Wm,Wn
Unsigned 32/16-Bit Integer Divide
1
18
N,Z,C,OV
30
DIVF
DIVF
Wm,Wn
Signed 16/16-bit Fractional Divide
1
18
N,Z,C,OV
31
DO
DO
#lit14,Expr
Do Code to PC+Expr, lit14 + 1 Times
2
2
None
DO
Wn,Expr
Do Code to PC+Expr, (Wn) + 1 Times
2
2
None
32
ED
ED
Wm*Wm,Acc,Wx,Wy,Wxd
Euclidean Distance (no accumulate)
1
1
OA,OB,OAB,
SA,SB,SAB
33
EDAC
EDAC
Wm*Wm,Acc,Wx,Wy,Wxd
Euclidean Distance
1
1
OA,OB,OAB,
SA,SB,SAB
34
EXCH
EXCH
Wns,Wnd
Swap Wns with Wnd
1
1
None
35
FBCL
FBCL
Ws,Wnd
Find Bit Change from Left (MSb) Side
1
1
C
36
FF1L
FF1L
Ws,Wnd
Find First One from Left (MSb) Side
1
1
C
37
FF1R
FF1R
Ws,Wnd
Find First One from Right (LSb) Side
1
1
C
38
GOTO
GOTO
Expr
Go to address
2
2
None
GOTO
Wn
Go to indirect
1
2
None
39
INC
INC
f
f = f + 1
1
1
C,DC,N,OV,Z
INC
f,WREG
WREG = f + 1
1
1
C,DC,N,OV,Z
INC
Ws,Wd
Wd = Ws + 1
1
1
C,DC,N,OV,Z
40
INC2
INC2
f
f = f + 2
1
1
C,DC,N,OV,Z
INC2
f,WREG
WREG = f + 2
1
1
C,DC,N,OV,Z
INC2
Ws,Wd
Wd = Ws + 2
1
1
C,DC,N,OV,Z
41
IOR
IOR
f
f = f .IOR. WREG
1
1
N,Z
IOR
f,WREG
WREG = f .IOR. WREG
1
1
N,Z
IOR
#lit10,Wn
Wd = lit10 .IOR. Wd
1
1
N,Z
IOR
Wb,Ws,Wd
Wd = Wb .IOR. Ws
1
1
N,Z
IOR
Wb,#lit5,Wd
Wd = Wb .IOR. lit5
1
1
N,Z
42
LAC
LAC
Wso,#Slit4,Acc
Load Accumulator
1
1
OA,OB,OAB,
SA,SB,SAB
43
LNK
LNK
#lit14
Link Frame Pointer
1
1
None
44
LSR
LSR
f
f = Logical Right Shift f
1
1
C,N,OV,Z
LSR
f,WREG
WREG = Logical Right Shift f
1
1
C,N,OV,Z
LSR
Ws,Wd
Wd = Logical Right Shift Ws
1
1
C,N,OV,Z
LSR
Wb,Wns,Wnd
Wnd = Logical Right Shift Wb by Wns
1
1
N,Z
LSR
Wb,#lit5,Wnd
Wnd = Logical Right Shift Wb by lit5
1
1
N,Z
45
MAC
MAC
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd
,
AWB
Multiply and Accumulate
1
1
OA,OB,OAB,
SA,SB,SAB
MAC
Wm*Wm,Acc,Wx,Wxd,Wy,Wyd
Square and Accumulate
1
1
OA,OB,OAB,
SA,SB,SAB
46
MOV
MOV
f,Wn
Move f to Wn
1
1
None
MOV
f
Move f to f
1
1
N,Z
MOV
f,WREG
Move f to WREG
1
1
N,Z
MOV
#lit16,Wn
Move 16-Bit Literal to Wn
1
1
None
MOV.b
#lit8,Wn
Move 8-Bit Literal to Wn
1
1
None
MOV
Wn,f
Move Wn to f
1
1
None
MOV
Wso,Wdo
Move Ws to Wd
1
1
None
MOV
WREG,f
Move WREG to f
1
1
N,Z
MOV.D
Wns,Wd
Move Double from W(ns):W(ns+1) to Wd
1
2
None
MOV.D
Ws,Wnd
Move Double from Ws to W(nd+1):W(nd)
1
2
None
47
MOVSAC
MOVSAC
Acc,Wx,Wxd,Wy,Wyd,AWB
Prefetch and Store Accumulator
1
1
None
TABLE 21-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Base
Instr
#
Assembly
Mnemoni
c
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com