Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 49Page - STMicroelectronics LSM6DB0TR Datasheet HTML 50Page - STMicroelectronics LSM6DB0TR Datasheet HTML 51Page - STMicroelectronics LSM6DB0TR Datasheet HTML 52Page - STMicroelectronics LSM6DB0TR Datasheet HTML 53Page - STMicroelectronics LSM6DB0TR Datasheet HTML 54Page - STMicroelectronics LSM6DB0TR Datasheet HTML 55Page - STMicroelectronics LSM6DB0TR Datasheet HTML 56Page - STMicroelectronics LSM6DB0TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
DocID025603 Rev 1
53/66
LSM6DB0
Register description
66
Table 68. CTRL_REG6_XL register description
ODR_XL [2:0] is used to set power mode and ODR selection. Table 69 indicates all
available frequencies when only the accelerometer is activated.
11.28
CTRL_REG7_XL (21h)
Linear acceleration sensor control register 7.
ODR_XL
[2:0]
Output data rate and power mode selection. Default value: 000 (see Table 69).
FS_XL
[1:0]
Accelerometer Full Scale selection. Default value: 00.
(00: ±2g; 01: Not Available; 10: ±4g; 11: ±8g)
BW_SCAL_
ODR
Bandwidth selection. Default value: 0.
(0: bandwidth determined by ODR selection:
- BW = 408 Hz when ODR = 952 Hz, 50 Hz, 10 Hz;
- BW = 211 Hz when ODR = 476 Hz;
- BW = 105 Hz when ODR = 238 Hz;
- BW = 50 Hz when ODR = 119 Hz;
1: bandwidth selected according to BW_XL [2:1] selection)
BW_XL
[1:0]
Anti-aliasing filter bandwidth selection. Default value: 00.
(00: 408 Hz; 01: 211 Hz; 10: 105 Hz; 11: 50 Hz)
Table 69. ODR register setting (accelerometer only mode)
ODR_XL2
ODR_XL1
ODR_XL0
ODR selection [Hz]
0
0
0
Power-down
0
0
1
10 Hz
0
1
0
50 Hz
0
1
1
119 Hz
1
0
0
238 Hz
1
0
1
476 Hz
1
1
0
952 Hz
1
1
1
n.a.
Table 70. CTRL_REG7_XL register
HR
DCF1
DCF0
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
FDS
0(1)
HPIS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com