Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 12Page - STMicroelectronics LSM6DB0TR Datasheet HTML 13Page - STMicroelectronics LSM6DB0TR Datasheet HTML 14Page - STMicroelectronics LSM6DB0TR Datasheet HTML 15Page - STMicroelectronics LSM6DB0TR Datasheet HTML 16Page - STMicroelectronics LSM6DB0TR Datasheet HTML 17Page - STMicroelectronics LSM6DB0TR Datasheet HTML 18Page - STMicroelectronics LSM6DB0TR Datasheet HTML 19Page - STMicroelectronics LSM6DB0TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Mechanical characteristics
LSM6DB0
16/66
DocID025603 Rev 1
3.2
Accelerometer and gyroscope electrical characteristics
T = 25 °C unless otherwise noted
Table 4. Electrical characteristics
G_ODR
Angular digital output data rate
952
476
238
119
59.5
14.9
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Typical zero-g level offset value after soldering.
3. Typical zero-rate level offset value after MSL3 preconditioning.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
VDD
Core and I/O pins supply voltage
1.71
3.6
V
LA_Idd
Accelerometer current
consumption in normal mode
ODR = 10 Hz
60
μA
ODR = 50 Hz
160
ODR
 119 Hz
330
G_Idd
Gyroscope current consumption in
eco power mode
1.8
mA
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com