Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 30Page - STMicroelectronics LSM6DB0TR Datasheet HTML 31Page - STMicroelectronics LSM6DB0TR Datasheet HTML 32Page - STMicroelectronics LSM6DB0TR Datasheet HTML 33Page - STMicroelectronics LSM6DB0TR Datasheet HTML 34Page - STMicroelectronics LSM6DB0TR Datasheet HTML 35Page - STMicroelectronics LSM6DB0TR Datasheet HTML 36Page - STMicroelectronics LSM6DB0TR Datasheet HTML 37Page - STMicroelectronics LSM6DB0TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Microprocessor functionality
LSM6DB0
34/66
DocID025603 Rev 1
8.8
Timers and watchdogs
The LSM6DB0 includes eight dual timers, one WDG timer, and a SysTick timer.
8.8.1
Dual timer
The dual-timer features are listed below. They consist of two identical programmable free-
running counters (FRCs) that can be configured for 32-bit or 16-bit operations. The FRCs
operate from a common timer clock which must be synchronous to the CPU clock.
– 16/32-bit down counter
– Interrupt generation when the counter reaches zero
– Free-running mode: the counter operates continuously and wraps around to its
maximum value each time it reaches zero.
– Periodic mode: the counter operates continuously by reloading the programmed
value each time it reaches zero.
– One-shot mode: the counter decrements to zero and then halts until it is
reprogrammed
– The timer clock prescaler factors are 1, 16, or 256
8.8.2
Watchdog (WDG) timer
The WDG timer is a 32-bit down counter which operates on either the RC32k clock or the
EXTCLK clock. It can generate an interrupt and/or a reset when the counter reaches zero.
8.8.3
System tick (SysTick) timer
The SysTick timer provides a 24-bit clear-on-write, decrementing counter which wraps
around when it reaches zero. It operates on the CPU clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com