Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 10Page - STMicroelectronics LSM6DB0TR Datasheet HTML 11Page - STMicroelectronics LSM6DB0TR Datasheet HTML 12Page - STMicroelectronics LSM6DB0TR Datasheet HTML 13Page - STMicroelectronics LSM6DB0TR Datasheet HTML 14Page - STMicroelectronics LSM6DB0TR Datasheet HTML 15Page - STMicroelectronics LSM6DB0TR Datasheet HTML 16Page - STMicroelectronics LSM6DB0TR Datasheet HTML 17Page - STMicroelectronics LSM6DB0TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
LSM6DB0 features
LSM6DB0
14/66
DocID025603 Rev 1
2
LSM6DB0 features
In the LSM6DB0 a complete sensor networking has been created with three additional
external sensor connections supported by the I2C bus (eg. compass, pressure sensors,
others). External data acquisition is totally configurable with a different data rate selection
and different data reads for each slave sensor. To minimize the core’s (Brain) power
consumption, dedicated FIFO buffers are available in the inertial sensors to maximize the
temporary data storage.
The LSM6DB0 can manage standard hub functionalities together with the implementation of
complex algorithms for the following applications:
Sensor batching with combination of sensors based on different ODR and related
time-stamp information;
Sensor fusion with the support of quaternions, gravity, linear acceleration and
orientation data;
Pedometers;
Game rotation vectors;
Geomagnetic rotation vectors (3-axis accelerometer and 3-axis magnetometer);
Compass calibration;
Gyroscope bias estimation and offset compensation;
Accelerometer background calibration;
Significant motion;
Gesture recognition;
The device provides optimal flexibility, modularity and scalability in the customization of
software routines for the customer.
The LSM6DB0 completely offloads the application processor from the computation of
sensor fusion, delivering unparalleled low-power consumption at the system level. Owing to
the embedded core (Brain) in the device, there is no need for an external processing unit
nor storage.
The LSM6DB0 is compliant with Android Kitkat OS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com