Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 28Page - STMicroelectronics LSM6DB0TR Datasheet HTML 29Page - STMicroelectronics LSM6DB0TR Datasheet HTML 30Page - STMicroelectronics LSM6DB0TR Datasheet HTML 31Page - STMicroelectronics LSM6DB0TR Datasheet HTML 32Page - STMicroelectronics LSM6DB0TR Datasheet HTML 33Page - STMicroelectronics LSM6DB0TR Datasheet HTML 34Page - STMicroelectronics LSM6DB0TR Datasheet HTML 35Page - STMicroelectronics LSM6DB0TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Microprocessor functionality
LSM6DB0
32/66
DocID025603 Rev 1
The clock management block distributes clocks from various clock sources to the CPU and
peripherals. The clock management block is comprised of the following circuitry and
switches:
Clock divider: the system contains various clock dividers which allow the frequency of
the peripherals and CPU clock sources to be changed.
Glitch-free clock switching: the clock sources can be changed dynamically and
securely in active mode.
Clock gating: the peripherals can have their clocks gated off to reduce their power
consumption.
Three system clock sources:
– RC80M 80 MHz internal RC oscillator which is trimmed at 1% accuracy with factory
settings
– RC32K 32 kHz internal RC oscillator which is trimmed at 1% accuracy with factory
settings
– EXTCLK external clock up to 80 MHz
 Watchdog clock sources: the RC32k or EXTCLK.
 I2C clock source: system clock divided by 3.
 UART clock source: system clock divided by a programmable division factor between 1
and 127.
 SPI clock source: clock synchronous to the processor.
 Dual timers: four timers clocked by 32 kHz clock pulses synchronous to the system clock
sources and four timers clocked on a clock synchronous to the processor clock.
 Clock-out capability: either the 32 kHz clock or the output of the divide-by-5 clock can be
output on a GPIO for external use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com