Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 21Page - STMicroelectronics LSM6DB0TR Datasheet HTML 22Page - STMicroelectronics LSM6DB0TR Datasheet HTML 23Page - STMicroelectronics LSM6DB0TR Datasheet HTML 24Page - STMicroelectronics LSM6DB0TR Datasheet HTML 25Page - STMicroelectronics LSM6DB0TR Datasheet HTML 26Page - STMicroelectronics LSM6DB0TR Datasheet HTML 27Page - STMicroelectronics LSM6DB0TR Datasheet HTML 28Page - STMicroelectronics LSM6DB0TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
DocID025603 Rev 1
25/66
LSM6DB0
Accelerometer and gyroscope functionality
66
7
Accelerometer and gyroscope functionality
7.1
Multiple reads (burst)
When only the accelerometer is activated and the gyroscope is in power down, starting from
OUT_X_XL (28h - 29h) multiple reads can be performed. Once OUT_Z_XL (2Ch - 2Dh) is
read, the system automatically restarts from OUT_X_XL (28h - 29h) (see Figure 7).
Figure 7. Multiple reads: accelerometer only
When both accelerometer and gyroscope sensors are activated at the same ODR, starting
from OUT_X_G (18h - 19h) multiple reads can be performed. Once OUT_Z_XL (2Ch - 2Dh)
is read, the system automatically restarts from OUT_X_G (18h - 19h) (see Figure 8).
Figure 8. Multiple reads: accelerometer and gyroscope
7.2
FIFO
The LSM6DB0 embeds a 32 slots of 16-bit data FIFO for each of the gyroscope’s three
output channels, yaw, pitch and roll, and 16-bit data FIFO for each of the accelerometer’s
three output channels, X, Y and Z. This allows consistent power saving for the system, since
the host processor does not need to continuously poll data from the sensor, but it can wake
up only when needed and burst the significant data out from the FIFO. This buffer can work
accordingly to five different modes: Bypass mode, FIFO-mode, Continuous mode,
Continuous-to-FIFO mode and Bypass-to-Continuous. Each mode is selected by the
FMODE [2:0] bits in the FIFO_CTRL (2Eh) register. Programmable FIFO threshold status,
FIFO overrun events and the number of unread samples stored are available in the
FIFO_SRC (2Fh) register and can be set to generate dedicated interrupts on the INT1 pin
using the INT1_CTRL (0Ch) register.
x,y,z
OUT_Z_XL
Read #1
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
x,y,z
Read #n
OUT_Z_XL
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
(15-16)
OUT_TEMP
x,y,z
OUT_Z_XL
Read #1
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
x,y,z
Read #n
OUT_Z_G
(1C-1D)
(1A-1B)
OUT_Y_G
(18-19)
OUT_X_G
OUT_Z_XL
(2C-2D)
(2A-2B)
OUT_Y_XL
(28-29)
OUT_X_XL
OUT_Z_G
(1C-1D)
(1A-1B)
OUT_Y_G
(18-19)
OUT_X_G
(15-16)
OUT_TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com