Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 41Page - STMicroelectronics LSM6DB0TR Datasheet HTML 42Page - STMicroelectronics LSM6DB0TR Datasheet HTML 43Page - STMicroelectronics LSM6DB0TR Datasheet HTML 44Page - STMicroelectronics LSM6DB0TR Datasheet HTML 45Page - STMicroelectronics LSM6DB0TR Datasheet HTML 46Page - STMicroelectronics LSM6DB0TR Datasheet HTML 47Page - STMicroelectronics LSM6DB0TR Datasheet HTML 48Page - STMicroelectronics LSM6DB0TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
DocID025603 Rev 1
45/66
LSM6DB0
Register description
66
Table 43. INT2_CTRL register description
11.14
WHO_AM_I (0Fh)
Who_AM_I register.
11.15
CTRL_REG1_G (10h)
Angular rate sensor control register 1.
Table 45. CTRL_REG1_G register
Table 46. CTRL_REG1_G register description
INT2_INACT
Gyroscope interrupt enable on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ IG2_XL
Accelerometer Interrupt 2 generator on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ FSS5
FSS5 Interrupt Enable on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_OVR
Overrun Interrupt on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold interrupt on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_TE
MP
Temperature sensor data ready on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_G
Gyroscope data ready on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_XL
Accelerometer data ready on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
Table 44. WHO_AM_I register
01101000
ODR_G2
ODR_G1
ODR_G0
FS_G1
FS_G0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
BW_G1
BW_G0
ODR_G [2:0]
Gyroscope output data rate selection. Default value: 000
(Refer to Table 47 and Table 48)
FS_G [1:0]
Gyroscope full-scale selection. Default value: 00
(00: 245 dps; 01: 500 dps; 10: Not Available; 11: 2000 dps)
BW_G [1:0]
Gyroscope bandwidth selection. Default value: 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com