Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 9Page - STMicroelectronics LSM6DB0TR Datasheet HTML 10Page - STMicroelectronics LSM6DB0TR Datasheet HTML 11Page - STMicroelectronics LSM6DB0TR Datasheet HTML 12Page - STMicroelectronics LSM6DB0TR Datasheet HTML 13Page - STMicroelectronics LSM6DB0TR Datasheet HTML 14Page - STMicroelectronics LSM6DB0TR Datasheet HTML 15Page - STMicroelectronics LSM6DB0TR Datasheet HTML 16Page - STMicroelectronics LSM6DB0TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DocID025603 Rev 1
13/66
LSM6DB0
Block diagrams and pin description
66
15
DIO10
GPIO10 / spi_input
VDD
16
DIO9
GPIO9 / SPI_CS
VDD
17
RES
Connect to GND
18
RES
Connect to GND
19
RES
Connect to VDD
20
CAP
Connect to GND with ceramic capacitor(2)
21
RES
Leave unconnected
22
RES
Leave unconnected
1. Recommended 100 nF filter capacitor.
2. 10 nF (±10%), 16 V. 1 nF minimum value has to be guaranteed under 12 V bias condition.
The INT1 and INT2 pins of the motion sensor are internally connected to the DIO12 and
DIO11 pins of the microcontroller, refer to Figure 1.
Table 2. Pin description (continued)
Pin#
Name
Function
I/O level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com