Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 46Page - STMicroelectronics LSM6DB0TR Datasheet HTML 47Page - STMicroelectronics LSM6DB0TR Datasheet HTML 48Page - STMicroelectronics LSM6DB0TR Datasheet HTML 49Page - STMicroelectronics LSM6DB0TR Datasheet HTML 50Page - STMicroelectronics LSM6DB0TR Datasheet HTML 51Page - STMicroelectronics LSM6DB0TR Datasheet HTML 52Page - STMicroelectronics LSM6DB0TR Datasheet HTML 53Page - STMicroelectronics LSM6DB0TR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Register description
LSM6DB0
50/66
DocID025603 Rev 1
11.20
OUT_TEMP_L (15h), OUT_TEMP_H (16h)
Temperature data output register. L and H registers together express a 16-bit word in two’s
complement right-justified.
11.21
STATUS_REG (17h)
Status register.
Table 61. STATUS_REG register
Table 57. INT_GEN_SRC_G register description
IA_G
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH_G
Yaw (Z) high. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL_G
Yaw (Z) low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH_G
Roll (Y) high. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL_G
Roll (Y) low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH_G
Pitch (X) high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL_G
Pitch (X) low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 58. OUT_TEMP_L register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 59. OUT_TEMP_H register
Temp11
Temp11
Temp11
Temp11
Temp11
Temp10
Temp9
Temp8
Table 60. OUT_TEMP register description
Temp [11:0]
Temperature sensor output data.
The value is expressed as two’s complement sign extended on the MSB.
0
IG_XL
IG_G
INACT
BOOT_
STATUS
TDA
GDA
XLDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com