Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 8Page - STMicroelectronics LSM6DB0TR Datasheet HTML 9Page - STMicroelectronics LSM6DB0TR Datasheet HTML 10Page - STMicroelectronics LSM6DB0TR Datasheet HTML 11Page - STMicroelectronics LSM6DB0TR Datasheet HTML 12Page - STMicroelectronics LSM6DB0TR Datasheet HTML 13Page - STMicroelectronics LSM6DB0TR Datasheet HTML 14Page - STMicroelectronics LSM6DB0TR Datasheet HTML 15Page - STMicroelectronics LSM6DB0TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Block diagrams and pin description
LSM6DB0
12/66
DocID025603 Rev 1
1.2
Pin description
Figure 4. Pin connections
Table 2. Pin description
Pin#
Name
Function
I/O level
1
VDD1.8
Power supply for I/O pins
2
DIO0
GPIO0 / SW_TDIO / JTAG TMS / UART_CTS VDD1.8
3
DIO1
GPIO1 / SW_TCK / JTAG TCK / UART_RTS
VDD1.8
4
DIO2
GPIO2 / I2C2_SCL (slave) / UART_TXD
VDD1.8
5
RESET
Microcontroller reset
VDD
6
DIO3
GPIO3 / I2C2_SDA (slave) / UART_RXD
VDD1.8
7
DIO4
GPIO4 / JTAG TDO
VDD1.8
8
DIO5
GPIO5 / JTAG TDI / Clock input
VDD1.8
9
DIO8
GPIO8 / I2C1_SDA (master) / SPI_OUT
VDD
10
DIO6
GPIO6 / 16 MHz clock output / Clock 32KHz
VDD
11
DIO7
GPIO7 / I2C1_SCL (master) / SPI_Clock
VDD
12
GND
0 V supply
13
LD01.2
Connect to decoupling capacitor for 1.2 V
digital regulator to GND
14
VDD(1)
Analog and I/O pins power supply
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
Z
X
Y
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
VDD1.8
DIO0
DIO1
DIO2
GND
RESET
1
10
7
5
16
LDO1.2
VDD
DIO10
DIO9
6
11
17
20
BOTTOM VIEW
21
22
DIO3
DIO7
RES
RES
Y
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com