Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 31Page - STMicroelectronics LSM6DB0TR Datasheet HTML 32Page - STMicroelectronics LSM6DB0TR Datasheet HTML 33Page - STMicroelectronics LSM6DB0TR Datasheet HTML 34Page - STMicroelectronics LSM6DB0TR Datasheet HTML 35Page - STMicroelectronics LSM6DB0TR Datasheet HTML 36Page - STMicroelectronics LSM6DB0TR Datasheet HTML 37Page - STMicroelectronics LSM6DB0TR Datasheet HTML 38Page - STMicroelectronics LSM6DB0TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
DocID025603 Rev 1
35/66
LSM6DB0
Microprocessor functionality
66
8.9
Communication interfaces
8.10
I²C bus
The LSM6DB0 provides two I²C interfaces which can operate in master and slave modes.
They can support standard mode and fast mode.
8.11
Universal asynchronous receiver transmitter (UART)
The UART interface (IO0, IO1, IO2, IO3 pins) of the LSM6DB0 supports the following
maximum baud rates:
– 921600 bps in UART mode
– 460800 bps in Infrared data association (IrDA) mode
– 115200 bps in low-power IrDA mode
The interface supports the IrDA serial infrared (SIR) ENDEC and also provides flow control
capabilities through the hardware management of the clear-to-send (CTS) and request-to-
send (RTS) signals.
For more details, refer to the ARM document “DDIO83G_uart_pl011_trm.pdf”.
8.12
Serial peripheral interface (SPI)
The SPI interface operates as a master or slave interface. This interface supports 6 MHz bit
rate max in slave mode and 16 MHz bit rate max in master mode due to the limitation of the
IOs. A programmable clock prescaler inside the SPI allows the input clock to be divided by a
factor of 2 to 254 in steps of two to provide the serial output clock. The SPI interface
provides data frames between 4 and 16 bits long.
For more details, refer to the ARM document “DDIO94C_ssp_PL022_trm.pdf”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com