Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 38Page - STMicroelectronics LSM6DB0TR Datasheet HTML 39Page - STMicroelectronics LSM6DB0TR Datasheet HTML 40Page - STMicroelectronics LSM6DB0TR Datasheet HTML 41Page - STMicroelectronics LSM6DB0TR Datasheet HTML 42Page - STMicroelectronics LSM6DB0TR Datasheet HTML 43Page - STMicroelectronics LSM6DB0TR Datasheet HTML 44Page - STMicroelectronics LSM6DB0TR Datasheet HTML 45Page - STMicroelectronics LSM6DB0TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Register description
LSM6DB0
42/66
DocID025603 Rev 1
11.6
INT_GEN_CFG1_XL (06h)
Linear acceleration sensor interrupt 1 generator configuration register.
Table 29. INT_GEN_CFG1_XL register description
11.7
INT_GEN_THS1_X_XL (07h)
Linear acceleration sensor interrupt 1 threshold register.
Table 31. INT_GEN_THS1_X_XL register description
Table 28. INT_GEN_CFG1_XL register
AOI_XL
6D
ZHIE_XL
ZLIE_XL
YHIE_XL
YLIE_XL
XHIE_XL
XLIE_XL
AOI_XL
AND/OR combination of accelerometer’s interrupt 1 events. Default value: 0
(0: OR combination; 1: AND combination)
6D
6-direction detection function for interrupt 1. Default value: 0
(0: disabled; 1: enabled)
ZHIE_XL
Enable interrupt 1 generation on accelerometer’s Z-axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
ZLIE_XL
Enable interrupt 1 generation on accelerometer’s Z-axis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
lower than preset threshold)
YHIE_XL
Enable interrupt 1 generation on accelerometer’s Y-axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
YLIE_XL
Enable interrupt 1 generation on accelerometer’s Y-axis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
lower than preset threshold)
XHIE_XL
Enable interrupt 1 generation on accelerometer’s X-axis high event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
XLIE_XL
Enable interrupt 1 generation on accelerometer’s Xaxis low event. Default value: 0
(0: disable interrupt request; 1: interrupt request on measured acceleration value
lower than preset threshold)
Table 30. INT_GEN_THS1_X_XL register
THS1_XL_
X7
THS1_XL_
X6
THS1_XL_
X5
THS1_XL_
X4
THS1_XL_
X3
THS1_XL_
X2
THS1_XL_
X1
THS1_XL_
X0
THS1_XL_X [7:0] X-axis interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com