Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DB0TR Datasheet HTML 1Page - STMicroelectronics LSM6DB0TR Datasheet HTML 2Page - STMicroelectronics LSM6DB0TR Datasheet HTML 3Page - STMicroelectronics LSM6DB0TR Datasheet HTML 4Page - STMicroelectronics LSM6DB0TR Datasheet HTML 5Page - STMicroelectronics LSM6DB0TR Datasheet HTML 6Page - STMicroelectronics LSM6DB0TR Datasheet HTML 7Page - STMicroelectronics LSM6DB0TR Datasheet HTML 8Page - STMicroelectronics LSM6DB0TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
November 2013
DocID025603 Rev 1
1/66
LSM6DB0
iNEMO advanced inertial module:
3D accelerometer, 3D gyroscope and signal processor
Datasheet
- target specification
Features
 Motion sensors:
– ±2/±4/±8 g full scale
– ±245/±500/±2000 dps full scale
– 6-axis eco power mode down to 1.8 mA
– 3 independent acceleration channels and
3 angular rate channels
– Embedded temperature sensor
– 20 Kbyte data batching
– 6-axis and 9-axis quaternions
– Self-test
– ECOPACK®, RoHS and “Green” compliant
 Signal processor:
– Brain: ARM-based, 32-bit Cortex-M0 core
– Flash memory and SRAM including a bank
with error code correction (ECC)
–I2C master port
–I2C slave port
– SPI master/slave
– 4-wire UART
– 11 programmable GPIOs
– Low-power features
– 8 x 32-bit dual timers, watchdog timer
(WDG), Cortex-M0 system tick (SysTick)
timer
– Standard 4-wire JTAG and 2-wire SWD
– 80 MHz / 32 kHz RC / up to 80 MHz from
single-ended external clock
Applications
 Sensor hubs and sensor fusion
 Significant motion-detection and gesture
recognition
 Gaming and geomagnetic rotation vectors
 Pedometers, step counters and step detectors
 Calibrated compasses
 Enhanced navigation and motion tracking
Description
The LSM6DB0 is an advanced low-power high-
performance smart sensor system available in a
plastic 3x3x1 mm LGA (land grid array) package.
The module includes a three-axis accelerometer,
3-axis gyroscope and Cortex-M0 core with Flash,
SRAM, dual timers, 2 I2C (master/slave), 1 SPI
(master/slave) and 1 UART (transmitter/receiver).
The LSM6DB0 has a full-scale acceleration range
of ±2/±4/±8 g and an angular rate range of
±245/±500/±2000 dps. The LSM6DB0 has two
operating modes in that the accelerometer and
gyroscope sensors can be either activated at the
same ODR or the accelerometer can be enabled
while the gyroscope is in power-down.
The module collects inputs from the
accelerometer, gyroscope, compass and several
other sensors and elaborates/fuses together 9 or
10 axes (iNemo Engine software) which are
provided to the main application processor. For
example, quaternions achieve the best
compromise in terms of power saving for the
overall system. The LSM6DB0 is fully compliant
with the Android Kitkat OS.
LGA-22 (3x3x1 mm)
Table 1. Device summary
Order codes
Temp.
range [°C]
Package
Packaging
LSM6DB0
-40 to +85
LGA-22
Tray
LSM6DB0TR -40 to +85
LGA-22 Tape and reel
www.st.com


Similar Part No. - LSM6DB0TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSM6D ETC2-LSM6D Datasheet
731Kb / 10P
SWITCH-ENLOSED
logo
Honeywell Solid State E...
LSM6D HONEYWELL-LSM6D Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
STMicroelectronics
LSM6DS0 STMICROELECTRONICS-LSM6DS0 Datasheet
1Mb / 59P
Embedded temperature sensor
03-Nov-2014
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
More results

Similar Description - LSM6DB0TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
1Mb / 113P
always-on 3D accelerometer and 3D gyroscope
12-Feb-2016
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com