Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 50Page - STMicroelectronics LSM6DB0TR Datasheet HTML 51Page - STMicroelectronics LSM6DB0TR Datasheet HTML 52Page - STMicroelectronics LSM6DB0TR Datasheet HTML 53Page - STMicroelectronics LSM6DB0TR Datasheet HTML 54Page - STMicroelectronics LSM6DB0TR Datasheet HTML 55Page - STMicroelectronics LSM6DB0TR Datasheet HTML 56Page - STMicroelectronics LSM6DB0TR Datasheet HTML 57Page - STMicroelectronics LSM6DB0TR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Register description
LSM6DB0
54/66
DocID025603 Rev 1
11.29
CTRL_REG8 (22h)
Control register 8.
Table 71. CTRL_REG7_XL register description
HR
High resolution mode for accelerometer enable. Default value: 0
(0: disabled; 1: enabled). Refer to Table 72.
DCF[1:0]
Accelerometer digital filter (high-pass and low-pass) cutoff frequency selection: the bandwidth of the
high-pass filter depends on the selected ODR. Refer to Table 72.
FDS
Filtered data selection. Default value: 0.
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS1
High Pass filter enabled for acceleration sensor interrupt function on Interrupt. Default value: 0.
(0: filter bypassed; 1: filter enabled)
Table 72. Low-pass cutoff frequency in high resolution mode (HR = 1)
HR
CTRL_REG7 (DCF [1:0])
LP cutoff Freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400
Table 73. CTRL_REG8 register
BOOT
BDU
H_LACTIVE
0(1)
SIM
IF_ADD_INC
BLE
SW_RESET
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 74. CTRL_REG8 register description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
BDU
Block Data Update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
H_LACTIVE
Interrupt activation level. Default value: 0
(0: interrupt output pins active high; 1: interrupt output pins active low)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a serial
interface (I2C or SPI). Default value: 1
(0: disabled; 1: enabled)
BLE
Big/Little Endian data selection. Default value 0.
(0: data LSB @ lower address; 1: data MSB @ lower address)
SW_RESET
Software Reset. Default value: 0
(0: normal mode; 1: reset device)
This bit is cleared by hardware after next flash boot.
1. Boot request is executed as soon as the internal oscillator is turned-on. It is possible to set the bit while in power-down
mode, in this case it will be served at the next normal mode or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com