Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DB0TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DB0TR
Description  3D accelerometer, 3D gyroscope and signal processor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DB0TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DB0TR Datasheet HTML 45Page - STMicroelectronics LSM6DB0TR Datasheet HTML 46Page - STMicroelectronics LSM6DB0TR Datasheet HTML 47Page - STMicroelectronics LSM6DB0TR Datasheet HTML 48Page - STMicroelectronics LSM6DB0TR Datasheet HTML 49Page - STMicroelectronics LSM6DB0TR Datasheet HTML 50Page - STMicroelectronics LSM6DB0TR Datasheet HTML 51Page - STMicroelectronics LSM6DB0TR Datasheet HTML 52Page - STMicroelectronics LSM6DB0TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
DocID025603 Rev 1
49/66
LSM6DB0
Register description
66
11.18
ORIENT_CFG_G (13h)
Angular rate sensor sign and orientation register.
Table 54. ORIENT_CFG_G register
Table 55. ORIENT_CFG_G register description
11.19
INT_GEN_SRC_G (14h)
Angular rate sensor interrupt source register.
Table 53. Gyroscope high-pass filter cutoff frequency configuration [Hz](1)
HPCF_G [3:0] ODR= 14.9 Hz
ODR= 59.5 Hz
ODR= 119 Hz ODR= 238 Hz ODR= 476 Hz ODR= 952 Hz
0000
1
4
8
15
30
57
0001
0.5
2
4
8
15
30
0010
0.2
1
2
4
8
15
0011
0.1
0.5
1
2
4
8
0100
0.05
0.2
0.5
1
2
4
0101
0.02
0.1
0.2
0.5
1
2
0110
0.01
0.05
0.1
0.2
0.5
1
0111
0.005
0.02
0.05
0.1
0.2
0.5
1000
0.002
0.01
0.02
0.05
0.1
0.2
1001
0.001
0.005
0.01
0.02
0.05
0.1
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
0(1)
0(1)
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0
1. These bits must be set to ‘0’ for the correct operation of the device
SignX_G
Pitch axis (X) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
SignY_G
Roll axis (Y) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
SignZ_G
Yaw axis (Z) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
Orient [2:0]
Directional user-orientation selection. Default value: 000
Table 56. INT_GEN_SRC_G register
0
IA_G
ZH_G
ZL_G
YH_G
YL_G
XH_G
XL_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com