Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 4 Page - Analog Devices

  ADE7933 Datasheet HTML 1Page - Analog Devices ADE7933 Datasheet HTML 2Page - Analog Devices ADE7933 Datasheet HTML 3Page - Analog Devices ADE7933 Datasheet HTML 4Page - Analog Devices ADE7933 Datasheet HTML 5Page - Analog Devices ADE7933 Datasheet HTML 6Page - Analog Devices ADE7933 Datasheet HTML 7Page - Analog Devices ADE7933 Datasheet HTML 8Page - Analog Devices ADE7933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 4 of 120
GENERAL DESCRIPTION
The ADE7978 and the ADE7933/ADE7932 form a chipset
dedicated to measuring 3-phase electrical energy using shunts
as current sensors.
The ADE7933/ADE7932 are isolated, 3-channel sigma-delta
analog-to-digital converters (Σ-Δ ADCs) for polyphase energy
metering applications that use shunt current sensors. The
ADE7932 features two 24-bit ADCs, and the ADE7933 features
three 24-bit ADCs. One channel is dedicated to measuring the
voltage across the shunt when a shunt is used for current sensing.
This channel provides a signal-to-noise ratio (SNR) of 67 dB over
a 3.3 kHz signal bandwidth. Up to two additional channels are
dedicated to measuring voltages, which are usually sensed using
resistor dividers. These channels provide an SNR of 75 dB over
a 3.3 kHz signal bandwidth. One voltage channel can be used to
measure the temperature of the die via an internal sensor. The
ADE7933 includes three channels: one current channel and two
voltage channels. The ADE7932 includes one current channel and
one voltage channel, but is otherwise identical to the ADE7933.
The ADE7933/ADE7932 include isoPower®, an integrated,
isolated dc-to-dc converter. Based on the Analog Devices, Inc.,
i
Coupler® technology, the dc-to-dc converter provides the regu-
lated power required by the first stage of the ADCs at a 3.3 V
input supply. The ADE7933/ADE7932 eliminate the need for an
external dc-to-dc isolation block. The iCoupler chip scale trans-
former technology is used to isolate the logic signals between the
first and second stages of the ADC. The result is a small form
factor, total isolation solution.
The ADE7933/ADE7932 contain a digital interface that is specially
designed to interface with the ADE7978. Using this interface, the
ADE7978 accesses the ADC outputs and configuration settings
of the ADE7933/ADE7932.
The ADE7933/ADE7932 are available in a 20-lead, Pb-free, wide-
body SOIC package with increased creepage.
The ADE7978 is a high accuracy, 3-phase electrical energy
measurement IC with serial interfaces and three flexible pulse
outputs. The ADE7978 can interface with up to four ADE7933/
ADE7932 devices. The ADE7978 incorporates all the signal
processing required to perform total (fundamental and harmonic)
active, reactive, and apparent energy measurement and rms
calculations, as well as fundamental-only active and reactive
energy measurement and rms calculations. A fixed function
digital signal processor (DSP) executes this signal processing.
The ADE7978 measures the active, reactive, and apparent energy
in various 3-phase configurations, such as wye or delta services,
with both three and four wires. The ADE7978 provides system
calibration features for each phase, gain calibration, and optional
offset correction. Phase compensation is also available, but it is
not necessary because the currents are sensed using shunts. The
CF1, CF2, and CF3 logic outputs provide a wide selection of
power information: total active, reactive, and apparent powers;
the sum of the current rms values; and fundamental active and
reactive powers.
The ADE7978 incorporates power quality measurements, such
as short duration low or high voltage detection, short duration
high current variations, line voltage period measurement, and
angles between phase voltages and currents. Two serial interfaces,
SPI and I2C, can be used to communicate with the ADE7978.
A dedicated high speed interface—the high speed data capture
(HSDC) port—can be used in conjunction with I2C to provide
access to the ADC outputs and real-time power information.
The ADE7978 also has two interrupt request pins, IRQ0 and
IRQ1, to indicate that an enabled interrupt event has occurred.
The ADE7978 is available in a 28-lead, Pb-free LFCSP package.
Note that throughout this data sheet, multifunction pins, such
as SCLK/SCL, are referred to by the entire pin name or by a
single function of the pin, for example, SCLK, when only that
function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com