Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 23Page - Analog Devices ADE7933 Datasheet HTML 24Page - Analog Devices ADE7933 Datasheet HTML 25Page - Analog Devices ADE7933 Datasheet HTML 26Page - Analog Devices ADE7933 Datasheet HTML 27Page - Analog Devices ADE7933 Datasheet HTML 28Page - Analog Devices ADE7933 Datasheet HTML 29Page - Analog Devices ADE7933 Datasheet HTML 30Page - Analog Devices ADE7933 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 27 of 120
TERMINOLOGY
Energy Measurement Error
The accuracy of the energy measurement is assessed as follows:
1. The voltage channel is supplied with a sinusoidal signal that
has peak values equal to ±250 mV. This value represents
half of the full scale.
2. The current channel is supplied with sinusoidal signals that
have peak values equal to ±31.25 mV (full scale), ±3.125 mV
(1/10 of full scale), ±312.5 µV (1/100 of full scale), ±31.25 µV
(1/1000 of full scale), and ±15.625 µV (1/2000 of full scale).
3. The energy is accumulated in line cycle accumulation mode,
and the accumulation time varies with the current channel
signal level.
The energy calculated for current peaks equal to ±3.125 mV
(1/10 of full scale) is considered the reference. The energy
measurement error is computed relative to a straight line that
passes through this point, as follows:
( )
( )
%
100
1
)
(
)
(
×
−
×
×
=
ε
1/10
x
1/10
x
1/10
x
I
Energy
I
I
I
AccTime
I
AccTime
I
Energy
(1)
where:
Energy(Ix) is the energy measurement when the current is Ix.
Energy(I1/10) is the energy measurement when the current
is I1/10. This is the reference measurement.
AccTime(I1/10) is the accumulation time used to measure
Energy(I1/10).
AccTime(Ix) is the accumulation time used to measure
Energy(Ix).
I rms and V rms Measurement Error
The accuracy of the rms measurement is assessed as follows:
1. The voltage and current channels are supplied with sinu-
soidal signals of various peaks, starting with the full-scale
signals (±500 mV for the voltage channel and ±31.25 mV
for the current channel) and ending with ±1 mV and
±62.5 µV, respectively.
2. The rms registers are read at least once per line cycle over
1 sec and averaged.
The measurement performed when the input signal has peaks
equal to 1/10 of full scale is considered the reference. The rms
measurement error is computed relative to a straight line that
passes through this point, as follows:
( )
( )
%
100
1 ×
−
×
=
ε
1/10
x
1/10
x
I
I
rms
I
I
I
I
rms
I
(2)
( )
(
)
%
100
1 ×
−
×
=
ε
1/10
x
1/10
x
V
V
rms
V
V
V
V
rms
V
(3)
where:
I rms(Ix) is the current rms measurement when the current is Ix.
I rms(I1/10) is the current rms measurement when the current is
I1/10. This is the reference measurement.
V rms(Vx) is the voltage rms measurement when the voltage
is Vx.
V rms(V1/10) is the voltage rms measurement when the voltage is
V1/10. This is the reference measurement.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The spectral compo-
nents are calculated over a 2 sec window. The value for SNR is
expressed in decibels.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The spectral
components are calculated over a 2 sec window. The value for
SINAD is expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of all harmonics (excluding
the noise components) to the rms value of the fundamental.
The spectral components are calculated over a 2 sec window.
The value for THD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of the rms value of the actual input signal to the
rms value of the peak spurious component over the measurement
bandwidth of the waveform samples. The spectral components are
calculated over a 2 sec window. The value of SFDR is expressed
in decibels relative to full scale, dBFS.
CF Jitter
The period of pulses at one of the CF1, CF2, or CF3 pins is
continuously measured. The maximum, minimum, and average
values of four consecutive pulses are computed as follows:
Maximum = max(Period0, Period1, Period2, Period3)
Minimum = min(Period0, Period1, Period2, Period3)
Average =
4
3
2
1
0
Period
Period
Period
Period
+
+
+
The CF jitter is then computed as follows:
%
100
×
−
=
Average
Minimum
Maximum
CFJITTER
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com