Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 95 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 91Page - Analog Devices ADE7933 Datasheet HTML 92Page - Analog Devices ADE7933 Datasheet HTML 93Page - Analog Devices ADE7933 Datasheet HTML 94Page - Analog Devices ADE7933 Datasheet HTML 95Page - Analog Devices ADE7933 Datasheet HTML 96Page - Analog Devices ADE7933 Datasheet HTML 97Page - Analog Devices ADE7933 Datasheet HTML 98Page - Analog Devices ADE7933 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 95 of 120
SPI Read Operation
A read operation using the SPI interface of the ADE7978 is
initiated when the master sets the SS pin low and begins sending
one byte, representing the address of the ADE7978, on the MOSI
line (see Figure 121). The master sends data on the MOSI line
starting with the first high to low transition of SCLK. The SPI
interface of the ADE7978 samples the data on the low to high
transitions of SCLK.
The most significant seven bits of the address byte can have any
value, but as a good programming practice, these bits should have
a value other than 0111000, which is the 7-bit address used in the
I2C protocol. Bit 0 of the address byte is the read/write bit. For a
read operation, Bit 0 must be set to 1. The master then sends the
16-bit address of the register that is to be read. After the ADE7978
receives the last bit of the register address on a low to high tran-
sition of SCLK, it begins to transmit the register contents on the
MISO line when the next SCLK high to low transition occurs;
the master samples the data on a low to high SCLK transition.
After the master receives the last bit, it sets the SS and SCLK
lines high, and the communication ends. The data lines, MOSI
and MISO, enter a high impedance state.
SPI Burst Read Operation
The registers from Address 0xE50C to Address 0xE526 represent
quantities computed by the ADE7978 every 8 kHz (see the I2C
Burst Read Operation section for the list of registers).
These registers can be read in two ways: one register at a time (see
the SPI Read Operation section) or multiple consecutive registers
at a time in a burst mode.
Burst mode is initiated when the master sets the SS pin low and
begins sending one byte, representing the address of the ADE7978,
on the MOSI line (see Figure 122). The address is the same address
byte used for reading a single register. The master sends data on
the MOSI line starting with the first high to low transition of
SCLK. The SPI interface of the ADE7978 samples data on the
low to high transitions of SCLK.
The master sends the 16-bit address of the first register in the burst
to be read. Any register from Address 0xE50C to Address 0xE526
can be the first register in the burst. After the ADE7978 receives
the last bit of the register address on a low to high transition of
SCLK, it begins to transmit the register contents on the MISO line
when the next SCLK high to low transition occurs; the master
samples the data on a low to high SCLK transition.
After the master receives the last bit of the first register, the
ADE7978 sends the contents of the register placed at the next
location. This process is repeated until the master sets the SS
and SCLK lines high and the communication ends. The data
lines, MOSI and MISO, enter a high impedance state.
Address 0xE526 is the last location of the memory range allocated
to the burst read operation. Do not perform a burst read operation
on register locations with addresses greater than 0xE526.
The high to low transition of the ZX/DREADY pin can be used
to initiate a burst read operation. The pin must be configured for
the DREADY functionality (set Bits[1:0], ZX_DREADY, to 00
in the CONFIG register, Address 0xE618). The ZX/DREADY
pin goes low approximately 70 ns after Bit 17 (DREADY) in the
STATUS0 register (Address 0xE502) is set to 1. The pin stays
low for 10 µs and then goes high again.
1
0
15 14
SCLK
MOSI
MISO
1
0
31 30
1
0
0
0
0
0
0
0
REGISTER VALUE
REGISTER ADDRESS
SS
Figure 121. SPI Read Operation of a 32-Bit Register
0
SCLK
MOSI
MISO
0
0
0
0
0
0
1
SS
REGISTER
ADDRESS
REGISTER 0
VALUE
31
0
REGISTER n
VALUE
31
0
Figure 122. SPI Burst Read of Consecutive Registers Located Between Address 0xE50C and Address 0xE526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com