Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 60Page - Analog Devices ADE7933 Datasheet HTML 61Page - Analog Devices ADE7933 Datasheet HTML 62Page - Analog Devices ADE7933 Datasheet HTML 63Page - Analog Devices ADE7933 Datasheet HTML 64Page - Analog Devices ADE7933 Datasheet HTML 65Page - Analog Devices ADE7933 Datasheet HTML 66Page - Analog Devices ADE7933 Datasheet HTML 67Page - Analog Devices ADE7933 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 64 of 120
INTEGRATION TIME UNDER STEADY LOAD
The discrete time sample period (T) for the accumulation
registers is 976.5625 ns (1.024 MHz frequency). With full-scale
pure sinusoidal signals on the analog inputs, the average word
value representing the apparent power is PMAX. If the VATHR
threshold register is set to 3 (its minimum recommended value),
the first stage accumulator generates a pulse that is added to the
xVAHR registers at intervals of
s
5683
.
14
10
024
.
1
2
3
6
27
µ
=
×
×
×
PMAX
The maximum value that can be stored in the xVAHR accumu-
lation register before it overflows is 231 − 1 or 0x7FFFFFFF. The
integration time is calculated as follows:
Time = 0x7FFFFFFF × 14.5683 μs = 8 hr, 41 min, 25 sec
(47)
ENERGY ACCUMULATION MODE
The apparent power is accumulated in each 32-bit VA-hour
accumulation register (AVAHR, BVAHR, and CVAHR) accord-
ing to the configuration of Bits[5:4] (CONSEL[1:0] bits) in the
ACCMODE register (see Table 26).
Table 26. Inputs to VA-Hour Accumulation Registers
CONSEL[1:0] AVAHR
BVAHR
CVAHR
00
AVRMS × AIRMS BVRMS × BIRMS CVRMS × CIRMS
01
AVRMS × AIRMS BVRMS × BIRMS CVRMS × CIRMS
VB = VA − VC1
10
Reserved
11
AVRMS × AIRMS BVRMS × BIRMS CVRMS × CIRMS
VB = −VA
1
See the BWATTHR and BFWATTHR Accumulation Register in 3-Phase, 3-Wire
Configurations section.
BWATTHR and BFWATTHR Accumulation Register in
3-Phase, 3-Wire Configurations
In a 3-phase, 3-wire configuration (CONSEL[1:0] = 01), the
ADE7978 computes the rms value of the line voltage between
Phase A and Phase C and stores the result in the BVRMS register
(see the Voltage RMS in Delta Configurations section). The
Phase B current value provided after the HPF is 0; therefore,
the powers associated with Phase B are 0.
To avoid any errors in the frequency output pins (CF1, CF2, or
CF3) related to the powers associated with Phase B, disable the
contribution of Phase B to the energy-to-frequency converters
by setting the TERMSEL1[1], TERMSEL2[1], or TERMSEL3[1]
bit to 0 in the COMPMODE register (Address 0xE60E). For more
information, see the Energy-to-Frequency Conversion section.
LINE CYCLE APPARENT ENERGY ACCUMULATION
MODE
In line cycle energy accumulation mode, the energy accumulation
is synchronized to the voltage channel zero crossings, allowing
apparent energy to be accumulated over an integral number of
half line cycles. In line cycle energy accumulation mode, the
ADE7978 transfers the apparent energy accumulated in the 32-bit
internal accumulation registers to the xVAHR registers after an
integral number of line cycles (see Figure 82). The number of half
line cycles is specified in the LINECYC register (Address 0xE60C).
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
INTERNAL
ACCUMULATOR
THRESHOLD
APGAIN
VATHR
34
27 26
0
0
32-BIT REGISTER
AVAHR[31:0]
AIRMS
AVRMS
Figure 82. Line Cycle Apparent Energy Accumulation Mode
The line cycle apparent energy accumulation mode is activated by
setting Bit 2 (LVA) in the LCYCMODE register (Address 0xE702).
The apparent energy accumulated over an integer number of half
line cycles (or zero crossings) is written to the xVAHR accumula-
tion registers after the number of half line cycles specified in the
LINECYC register is detected. When using the line cycle accumu-
lation mode, set Bit 6 (RSTREAD) of the LCYCMODE register
to Logic 0 because a read with reset of the xVAHR registers
outside the LINECYC period resets the energy accumulation.
Phase A, Phase B, and Phase C zero crossings are included
when counting the number of half line cycles by setting
Bits[5:3] (ZXSEL[x]) in the LCYCMODE register. Any combi-
nation of zero crossings from all three phases can be used to
count the zero crossings. Select only one phase at a time for
inclusion in the count of zero crossings during calibration.
For more information about setting the LINECYC register and
Bit 5 (LENERGY) in the MASK0 register associated with the
line cycle accumulation mode, see the Line Cycle Active Energy
Accumulation Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com