Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 79Page - Analog Devices ADE7933 Datasheet HTML 80Page - Analog Devices ADE7933 Datasheet HTML 81Page - Analog Devices ADE7933 Datasheet HTML 82Page - Analog Devices ADE7933 Datasheet HTML 83Page - Analog Devices ADE7933 Datasheet HTML 84Page - Analog Devices ADE7933 Datasheet HTML 85Page - Analog Devices ADE7933 Datasheet HTML 86Page - Analog Devices ADE7933 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 83 of 120
ISOLATION
BARRIER
LOAD
EARTH
PHASE B
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
3.3V
PHASE C
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
3.3V
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_N
3.3V
ADE7978
GNDMCU
3.3V
3.3V
I2C/HSDC OR SPI
IRQ0, IRQ1
PHASE A
ADE7932/
ADE7933
NEUTRAL LINE
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
3.3V
SYNC
CLKOUT
RESET_EN
DATA_A
VT_A
DATA_B
VT_B
DATA_C
VT_C
DATA_N
VT_N
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
Figure 103. 3-Phase, 4-Wire Wye Meter with One ADE7978 and Four ADE7933 Devices
ISOLATION
BARRIER
PHASE B
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
3.3V
PHASE C
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
3.3V
ADE7978
GNDMCU
3.3V
3.3V
I2C/HSDC OR SPI
IRQ0, IRQ1
PHASE A
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
3.3V
SYNC
CLKOUT
DATA_N
RESET_EN
DATA_A
VT_A
DATA_B
VT_B
DATA_C
VT_C
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
DATA
SYNC
XTAL1
V2/TEMP
RESET_EN
3.3V
LOAD
Figure 104. 3-Phase, 4-Wire Wye Meter with One ADE7978 and Three ADE7933/ADE7932 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com