Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 18Page - Analog Devices ADE7933 Datasheet HTML 19Page - Analog Devices ADE7933 Datasheet HTML 20Page - Analog Devices ADE7933 Datasheet HTML 21Page - Analog Devices ADE7933 Datasheet HTML 22Page - Analog Devices ADE7933 Datasheet HTML 23Page - Analog Devices ADE7933 Datasheet HTML 24Page - Analog Devices ADE7933 Datasheet HTML 25Page - Analog Devices ADE7933 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 22 of 120
Figure 18 through Figure 23 were generated using the following conditions: fundamental voltage component in phase with 5th harmonic;
current with a 50 Hz component that has variable amplitudes from 100% of full scale down to 0.033% of full scale and a 5th harmonic with a
constant amplitude of 17% of full scale; power factor equal to 1 or 0 on the fundamental and 5th harmonic. Figure 18, Figure 19, Figure 21,
and Figure 22 were generated using a voltage with a 50 Hz component that has an amplitude of 50% of full scale and a 5th harmonic with an
amplitude of 5% of full scale. Figure 20 and Figure 23 were generated using a voltage with a 50 Hz component that has variable amplitudes
from 100% of full scale down to 0.033% of full scale and a 5th harmonic with an amplitude of 5% of full scale.
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 18. Fundamental Active Energy Error as a Percentage of Reading
over Temperature, PF = 1
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
VDD = 2.97V
VDD = 3.30V
VDD = 3.63V
Figure 19. Fundamental Active Energy Error as a Percentage of Reading
over Power Supply, PF = 1, TA = 25°C
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Fundamental Current RMS Error as a Percentage of Reading
over Temperature, PF = 1
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 21. Fundamental Reactive Energy Error as a Percentage of Reading
over Temperature, PF = 0
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
VDD = 2.97V
VDD = 3.30V
VDD = 3.63V
Figure 22. Fundamental Reactive Energy Error as a Percentage of Reading
over Power Supply, PF = 0, TA = 25°C
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.1
1
10
100
PERCENTAGE OF FULL-SCALE VOLTAGE (%)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. Fundamental Voltage RMS Error as a Percentage of Reading
over Temperature, PF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com