Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 29Page - Analog Devices ADE7933 Datasheet HTML 30Page - Analog Devices ADE7933 Datasheet HTML 31Page - Analog Devices ADE7933 Datasheet HTML 32Page - Analog Devices ADE7933 Datasheet HTML 33Page - Analog Devices ADE7933 Datasheet HTML 34Page - Analog Devices ADE7933 Datasheet HTML 35Page - Analog Devices ADE7933 Datasheet HTML 36Page - Analog Devices ADE7933 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 33 of 120
Current Waveform Gain Registers
There is a multiplier in the signal path of each phase and neutral
current. The current waveform can be changed by ±100% by
writing a corresponding twos complement number to the 24-bit
signed current waveform gain registers (AIGAIN, BIGAIN,
CIGAIN, and NIGAIN). For example, if 0x400000 is written to
these registers, the ADC output is scaled up by 50%. To scale
the output by −50%, write 0xC00000 to the registers. Equation 5
describes mathematically the function of the current waveform
gain registers.
Current Waveform =
(5)


+
×
23
2
1
Register
Gain
Current
of
Contents
Output
ADC
Changing the contents of the AIGAIN, BIGAIN, CIGAIN, or
NIGAIN register affects all calculations based on the current
of the corresponding phase, including the active, reactive, and
apparent energy and the current rms calculations. In addition,
waveform samples scale accordingly.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. The 24-bit
AIGAIN, BIGAIN, CIGAIN, and NIGAIN registers are sign
extended to 28 bits and padded with four 0s for transmission
as 32-bit registers (see Figure 44).
31
28 27
24 23
0
24-BIT NUMBER
0000
BITS[27:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 44. 24-Bit xIGAIN Register Transmitted as a 32-Bit Signed Word
The ADE7933/ADE7932 contain a temperature sensor that is
internally multiplexed with the second voltage measurement,
V2P (see the Second Voltage Channel and Temperature
Measurement section). The ADE7978 assumes that all shunts
used in the system have the same temperature coefficient. The
24-bit signed register TEMPCO contains the value of the
temperature coefficient.
Assume that the shunt resistance, R, varies linearly according
to the following formula:
R = R0 × [1 + ε × (T − T0)]
(6)
where:
R0 is the shunt resistance at the nominal temperature, T0.
ε is the temperature coefficient of the shunt.
T is the temperature of the shunt.
To compensate for the increase in resistance, the current wave-
form must be divided by 1 + ε × (T − T0). Because ε is a very
small number, this expression is equivalent to a multiplication
by 1 − ε × (T − T0). This multiplication is introduced in the
datapath signal of each phase and neutral current.
Current Waveform =
ADC Output × [1 − ε × (T − T0)]
(7)
The 24-bit signed ATEMP0, BTEMP0, CTEMP0, and NTEMP0
registers represent the ambient temperature (T0) at which the
meter temperature sensor gain calibration was executed on
every phase (see the Second Voltage Channel and Temperature
Measurement section). The 24-bit signed ATEMP, BTEMP,
CTEMP, and NTEMP registers represent the shunt tempera-
tures (T) measured by the temperature sensor of every ADE7933/
ADE7932 in the system.
The temperature sensor measurement starts when the VT_A,
VT_B, VT_C, and VT_N pins of the ADE7978 are set low; the
results are first stored in the ATEMP, BTEMP, CTEMP, and
NTEMP registers after 1.024 sec (see the Second Voltage Channel
and Temperature Measurement section). At this point, the temp-
erature compensation scheme becomes active and works at an
8 kHz update rate. Therefore, ATEMP, BTEMP, CTEMP, and
NTEMP represent the temperature (T) in Equation 7.
Equation 8 describes mathematically the function of the current
waveform temperature compensation.
Current Waveform =
(8)
ADC Output ×


−
×
−
×


+
23
23
23
23
2
2
2
1
2
1
TEMP0
TEMP
TEMPCO
IGAIN
where TEMPCO, TEMP, and TEMP0 represent the contents
of the registers with the same name.
A simple approach to implement temperature compensation is
to use the temperature measurements without any gain correction
(see the Second Voltage Channel and Temperature Measurement
section). The xTEMP and xTEMP0 registers contain the temper-
ature sensor measurements. Set the 24-bit signed register
TEMPCO to the following value:
TEMPCO = ε × k × 246
(9)
where:
ε is the temperature coefficient of the shunt.
k = 8.72101 × 10−5 is the gain correction of the temperature
measurement.
For example, if ε = 50 ppm/°C,
TEMPCO = round(50 × 10−6 × 8.72101 × 10−5 × 246) =
306,843 = 0x4AE9B
The maximum value that can be written to the TEMPCO
register is 0x7FFFFF. This value translates into a maximum
temperature coefficient that can be compensated equal to
C
ppm/
1367
10
72101
.
8
2
1
5
23
°
=
×
×
=
ε
−
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com