Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 83Page - Analog Devices ADE7933 Datasheet HTML 84Page - Analog Devices ADE7933 Datasheet HTML 85Page - Analog Devices ADE7933 Datasheet HTML 86Page - Analog Devices ADE7933 Datasheet HTML 87Page - Analog Devices ADE7933 Datasheet HTML 88Page - Analog Devices ADE7933 Datasheet HTML 89Page - Analog Devices ADE7933 Datasheet HTML 90Page - Analog Devices ADE7933 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 87 of 120
ADE7978 AND ADE7933/ADE7932 CLOCKS
Provide a digital clock signal at the XTALIN pin to clock the
ADE7978. The ADE7978 is clocked at the frequency provided
at this pin; this frequency is referred to as CLKIN throughout
this data sheet. The ADE7978 is specified for a CLKIN value of
16.384 MHz, but frequencies of 16.384 MHz ± 1% are acceptable.
Alternatively, a 16.384 MHz crystal with a typical drive level of
0.5 mW and equivalent series resistance (ESR) of 20 Ω can be
connected across the XTALIN and XTALOUT pins to provide
a clock source for the ADE7978 (see Figure 109).
ADE7978
XTALIN
XTALOUT
C1
C2
CP1
CP2
TC
TC
Figure 109. ADE7978 Crystal Circuitry
The total capacitance (TC) at the XTALIN and XTALOUT pins
is as follows:
TC = C1 + CP1 = C2 + CP2
where:
C1 and C2 are the ceramic capacitors between the XTALIN and
GND pins and between the XTALOUT and GND pins (C1 = C2).
CP1 and CP2 are the parasitic capacitors of the wires connect-
ing the crystal to the ADE7978 (CP1 = CP2).
The load capacitance (LC) of the crystal is equal to half the total
capacitance TC because it is the capacitance of the series circuit
composed by C1 + CP1 and C2 + CP2.
2
2
2
TC
CP2
C2
CP1
C1
LC
=
+
=
+
=
Therefore, the value of Capacitors C1 and C2 as a function
of the load capacitance of the crystal is
C1 = C2 = 2 × LC − CP1 = 2 × LC − CP2
For the ADE7978, the typical total capacitance TC of the
XTALIN and XTALOUT pins is 40 pF (see Table 2).
Select a crystal with a load capacitance of
LC = TC/2 = 20 pF
For example, if the parasitic capacitances of CP1 and CP2 are
equal to 20 pF, select Capacitors C1 and C2 equal to 20 pF.
The ADE7933/ADE7932 clock circuit does not need a crystal
when it is used in conjunction with the ADE7978 because the
ADE7978 generates the 4.096 MHz clock used by the ADE7933/
ADE7932. However, if the ADE7933/ADE7932 are used as stand-
alone chips, a 4.096 MHz crystal with a typical drive level of
0.5 mW and ESR of 20 Ω can be connected across the ADE7933/
ADE7932 XTAL1 and XTAL2 pins to provide a clock source.
The values of the ceramic capacitors (C1 and C2) are calculated
in the same way as for the clock circuitry of the ADE7978.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period. The rate of insu-
lation degradation is dependent on the characteristics of the voltage
waveform applied across the insulation. In addition to the testing
performed by the regulatory agencies, Analog Devices carries
out an extensive set of evaluations to determine the lifetime of
the insulation structure within the ADE7933/ADE7932 devices.
Analog Devices performs accelerated life testing using voltage
levels higher than the rated continuous working voltage. Accel-
eration factors for several operating conditions are determined.
These factors allow calculation of the time to failure at the actual
working voltage.
The values shown in Table 12 summarize the peak voltage for
50 years of service life for a bipolar ac operating condition and
the maximum CSA/VDE approved working voltages. In many
cases, the approved working voltage is higher than the 50-year
service life voltage. Operation at these high working voltages
can lead to shortened insulation life in some cases.
The insulation lifetime of the ADE7933/ADE7932 devices
depends on the voltage waveform type imposed across the
isolation barrier. The iCoupler insulation structure degrades
at different rates depending on whether the waveform is bipolar
ac, unipolar ac, or dc. Figure 110, Figure 111, and Figure 112
illustrate these different isolation voltage waveforms.
RATED PEAK VOLTAGE
0V
Figure 110. Bipolar AC Waveform
RATED PEAK VOLTAGE
0V
Figure 111. Unipolar AC Waveform
RATED PEAK VOLTAGE
0V
Figure 112. DC Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com