Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 50Page - Analog Devices ADE7933 Datasheet HTML 51Page - Analog Devices ADE7933 Datasheet HTML 52Page - Analog Devices ADE7933 Datasheet HTML 53Page - Analog Devices ADE7933 Datasheet HTML 54Page - Analog Devices ADE7933 Datasheet HTML 55Page - Analog Devices ADE7933 Datasheet HTML 56Page - Analog Devices ADE7933 Datasheet HTML 57Page - Analog Devices ADE7933 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 54 of 120
ACTIVE POWER OFFSET CALIBRATION
The ADE7978 includes a 24-bit watt offset register for each
phase and each active power. The AWATTOS, BWATTOS, and
CWATTOS registers (Address 0x439C to Address 0x439E) compen-
sate offsets in the total active power calculations. The AFWATTOS,
BFWATTOS, and CFWATTOS registers (Address 0x43A3 to
Address 0x43A5) compensate offsets in the fundamental active
power calculations. These signed twos complement registers are
used to remove offsets in the active power calculations.
An offset can exist in the power calculation due to crosstalk
between channels on the PCB or in the chip itself. One LSB in
the active power offset register is equivalent to 1 LSB in the
active power multiplier output. With full-scale current and
voltage inputs, the LPF2 output is PMAX = 26,991,271. At
−80 dB down from full scale (active power scaled down 104
times), one LSB of the active power offset register represents
0.037% of PMAX.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 44, the 24-bit xWATTOS
and xFWATTOS registers are sign extended to 28 bits and
padded with four 0s for transmission as 32-bit registers.
SIGN OF ACTIVE POWER CALCULATION
The average active power is a signed calculation. If the phase
difference between the current and voltage waveforms is more
than 90°, the average power becomes negative. Negative power
indicates that energy is being injected back onto the grid. The
ADE7978 has sign detection circuitry for active power calcula-
tions; this circuitry can monitor the total active powers or the
fundamental active powers.
As described in the Active Energy Calculation section, the
active energy accumulation is performed in two stages. Each
time a sign change is detected in the energy accumulation at the
end of the first stage—that is, after the energy accumulated in the
internal accumulator reaches the WTHR register threshold—a
dedicated interrupt is triggered. The sign of each phase active
power can be read in the PHSIGN register (Address 0xE617).
Bit 0 (REVAPSEL) in the MMODE register (Address 0xE700)
specifies the type of active power that is monitored. When
REVAPSEL is cleared to 0 (the default value), the total active
power is monitored. When REVAPSEL is set to 1, the funda-
mental active power is monitored.
Bits[8:6] (REVAPC, REVAPB, and REVAPA) in the STATUS0
register (Address 0xE502) are set when a sign change occurs in
the power selected by Bit 0 (REVAPSEL) in the MMODE register.
Bits[2:0] (CWSIGN, BWSIGN, and AWSIGN) in the PHSIGN
register are set simultaneously with the REVAPC, REVAPB,
and REVAPA bits in the STATUS0 register. The xWSIGN bits
indicate the sign of the power. When these bits are set to 0, the
corresponding power is positive. When the bits are set to 1, the
corresponding power is negative.
The REVAPx bits in the STATUS0 register and the xWSIGN
bits in the PHSIGN register refer to the total active power of
Phase x and the power type selected by Bit 0 (REVAPSEL) in
the MMODE register.
Interrupts attached to Bits[8:6] (REVAPC, REVAPB, and
REVAPA) in the STATUS0 register can be enabled by setting
Bits[8:6] in the MASK0 register. When enabled, the IRQ0 pin
goes low and the status bit is set to 1 when a change of sign occurs.
To identify the phase that triggered the interrupt, read the PHSIGN
register immediately after reading the STATUS0 register. The
status bit is cleared and the IRQ0 pin is returned high by writing
a 1 to the appropriate bits in the STATUS0 register.
ACTIVE ENERGY CALCULATION
Active energy is defined as the integral of active power.
Energy =
∫
dt
p(t)
(30)
The ADE7978 achieves the integration of the active power
signal in two stages (see Figure 76). The process is identical for
total active power and fundamental active power.
The first stage accumulates the instantaneous phase total or
fundamental active power at 1.024 MHz (the DSP computes
these values at an 8 kHz rate). Each time a threshold is reached,
a pulse is generated, and the threshold is subtracted from the
internal register. The sign of the energy at this moment is
considered the sign of the active power (see the Sign of Active
Power Calculation section for more information).
INTERNAL
ACCUMULATOR
WATTACC BITS IN
ACCMODE[7:0]
THRESHOLD
WTHR
34
27 26
0
0
32-BIT REGISTER
AWATTHR[31:0]
REVAPA BIT IN
STATUS0[31:0]
INSTANTANEOUS
PHASE A ACTIVE POWER
COMPUTED IN DIGITAL
SIGNAL PROCESSOR
Figure 76. Total Active Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com