Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 81Page - Analog Devices ADE7933 Datasheet HTML 82Page - Analog Devices ADE7933 Datasheet HTML 83Page - Analog Devices ADE7933 Datasheet HTML 84Page - Analog Devices ADE7933 Datasheet HTML 85Page - Analog Devices ADE7933 Datasheet HTML 86Page - Analog Devices ADE7933 Datasheet HTML 87Page - Analog Devices ADE7933 Datasheet HTML 88Page - Analog Devices ADE7933 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 85 of 120
If only two or three ADE7933/ADE7932 devices are used, the
DATA_B and/or DATA_N pins are connected to VDD. The
waveform samples computed by the ADE7978 that correspond
to these unconnected ADE7933/ADE7932 devices are set to full
scale. After passing through the high-pass filter, the waveform
samples are set to 0, and all quantities computed by the
ADE7978 using these samples are 0.
Bits[5:4] (CONSEL[1:0]) in the ACCMODE register (Address
0xE701) determine the way that the phase powers are computed
in the ADE7978, based on the meter configuration. For more
information, see the Energy Accumulation Modes section.
The ADE7933/ADE7932 receive a 4.096 MHz clock at the XTAL1
pin from the ADE7978 CLKOUT pin; the XTAL2 pin of the
ADE7933/ADE7932 is left open. Do not clock the ADE7933/
ADE7932 using a crystal connected between the XTAL1 and
XTAL2 pins because the ADE7933/ADE7932 devices must
function synchronously with the ADE7978; using the CLKOUT
clock of the ADE7978 ensures this synchronization.
The ADE7978 RESET_EN pin is connected to the RESET_EN
pins of all ADE7933/ADE7932 devices in the system. The
ADE7978 VT_A, VT_B, VT_C, and VT_N pins are connected
to the corresponding V2/TEMP pin of each ADE7933/ADE7932
in the system. For example, the VT_A pin of the ADE7978 is
connected to the V2/TEMP pin of the ADE7933/ADE7932 that
monitors Phase A. If the schematic does not monitor certain
phases, leave the corresponding VT_x pin of the ADE7978
unconnected. For example, the meter in the configuration
shown in Figure 105 does not monitor Phase B or the neutral
current. Therefore, the VT_B and VT_N pins are left open.
When the RESET pin of the ADE7978 is set low for at least
10 µs and then brought high again, the RESET_EN pin is set
low, and the VT_A, VT_B, VT_C, and VT_N pins toggle eight
times from high to low at a frequency of 4.096 MHz, resetting
the ADE7933/ADE7932 devices. When the RESET_EN, VT_A,
VT_B, VT_C, and VT_N pins are set high again, the reset of the
ADE7933/ADE7932 devices ends (see the Hardware Reset
section for more information).
The VT_A, VT_B, VT_C, and VT_N pins of the ADE7978 select
the signal measured by the V2 voltage ADC of the ADE7933:
either the second voltage input or the internal temperature sensor.
(The ADE7932 always measures the internal temperature sensor.)
If the VT_x signal is low, the ADC measures the input signal at
the V2P pin. If the VT_x signal is high, the ADC measures the
internal temperature sensor.
The ADE7978 reads the outputs of the ADE7933/ADE7932
using a bit stream communication composed of two signals,
SYNC and DATA. The SYNC pin of the ADE7978 is connected
to the SYNC pin of each ADE7933/ADE7932 device. The DATA
pin of each ADE7933/ADE7932 is connected to the corresponding
DATA_x pin of the ADE7978 (x = A, B, C, or N). For example,
the DATA pin of the Phase A ADE7933/ADE7932 is connected
to the DATA_A pin of the ADE7978.
If the schematic does not monitor certain phases, connect the
corresponding DATA_x pin of the ADE7978 to VDD. For
example, the meter in the configuration shown in Figure 105
does not monitor Phase B or the neutral current. Therefore, the
DATA_B and DATA_N pins of the ADE7978 are tied to VDD.
The SYNC pin of the ADE7978 generates a 1.024 MHz serial clock
to the ADE7933/ADE7932 slaves. Each ADE7933/ADE7932
responds with a bit stream generated by the first stage of the
ADE7933/ADE7932 ADCs (see the Bit Stream Communication
Between the ADE7978 and the ADE7933/ADE7932 section).
ADE7978 QUICK SETUP AS AN ENERGY METER
An energy meter is usually characterized by the nominal current
(In), nominal voltage (Vn), nominal frequency (fn), and the meter
constant (MC). To quickly set up the ADE7978, follow these steps:
1. If fn = 60 Hz, set Bit 14 (SELFREQ) to 1 in the COMPMODE
register (Address 0xE60E). If fn = 50 Hz, leave the SELFREQ
bit at 0, the default value.
2. Initialize the CF1DEN, CF2DEN, and CF3DEN registers
(Address 0xE611 to Address 0xE613) based on the following
equation:
n
MC
CFxDEN
10
]
imp/kwh
[
103
×
=
For more information, see the Energy-to-Frequency
Conversion section.
3. Initialize the WTHR, VARTHR, and VATHR registers
(Address 0xEA02 to Address 0xEA04) based on the
following equation:
WTHR, VARTHR, and VATHR =
27
2
10
3600
×
×
×
×
×
FS
FS
n
s
I
V
f
PMAX
For more information, see the Active Energy Calculation
section, the Reactive Energy Calculation, and the Apparent
Energy Calculation section.
4. Initialize the VLEVEL register (Address 0x43A2) based on
the following equation:
VLEVEL = VFS/Vn × 4 × 106
For more information, see the Fundamental Active Power
Calculation section.
5. Initialize the VNOM register based on the following equation:
VNOM = V/VFS × 3,761,808
For more information, see the Apparent Power Calculation
Using VNOM section.
6. Enable the data memory RAM protection by writing 0xAD
to the internal 8-bit register located at Address 0xE7FE, fol-
lowed by a write of 0x80 to the internal 8-bit register located
at Address 0xE7E3.
7. Start the DSP by writing 0x0001 to the run register
(Address 0xE228).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com