Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 21Page - Analog Devices ADE7933 Datasheet HTML 22Page - Analog Devices ADE7933 Datasheet HTML 23Page - Analog Devices ADE7933 Datasheet HTML 24Page - Analog Devices ADE7933 Datasheet HTML 25Page - Analog Devices ADE7933 Datasheet HTML 26Page - Analog Devices ADE7933 Datasheet HTML 27Page - Analog Devices ADE7933 Datasheet HTML 28Page - Analog Devices ADE7933 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 25 of 120
Figure 30 through Figure 33 were generated using the following conditions: sinusoidal voltage with an amplitude of 50% of full scale and a
frequency of 50 Hz; sinusoidal current with variable amplitudes from 100% of full scale down to 0.033% of full scale and with a frequency
of 50 Hz; offset compensation executed. For Figure 31 and Figure 33, besides the fundamental component, the voltage contained a 5th harmonic
with a constant amplitude of 5% of full scale, and the current contained a 5th harmonic with a constant amplitude of 17% of full scale. Measure-
ments at 25°C were repeated 30 times, and the standard deviation values were extracted for current levels of 0.2% and 0.05% of full scale.
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 30. Total Active Energy Error as a Percentage of Reading, PF = 1
(Standard Deviation σ = 0.06% at 0.2% of Full-Scale Current
and σ = 0.12% at 0.05% of Full-Scale Current)
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 31. Fundamental Active Energy Error as a Percentage of Reading, PF = 1
(Standard Deviation σ = 0.06% at 0.2% of Full-Scale Current
and σ = 0.11% at 0.05% of Full-Scale Current)
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 32. Total Reactive Energy Error as a Percentage of Reading, PF = 0
(Standard Deviation σ = 0.09% at 0.2% of Full-Scale Current
and σ = 0.13% at 0.05% of Full-Scale Current)
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0.01
0.1
1
10
100
PERCENTAGE OF FULL-SCALE CURRENT (%)
Figure 33. Fundamental Reactive Energy Error as a Percentage of Reading, PF = 0
(Standard Deviation σ = 0.06% at 0.2% of Full-Scale Current
and σ = 0.13% at 0.05% of Full-Scale Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com