Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 15Page - Analog Devices ADE7933 Datasheet HTML 16Page - Analog Devices ADE7933 Datasheet HTML 17Page - Analog Devices ADE7933 Datasheet HTML 18Page - Analog Devices ADE7933 Datasheet HTML 19Page - Analog Devices ADE7933 Datasheet HTML 20Page - Analog Devices ADE7933 Datasheet HTML 21Page - Analog Devices ADE7933 Datasheet HTML 22Page - Analog Devices ADE7933 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 19 of 120
ADE7932/
ADE7933
TOP VIEW
(Not to Scale)
VDDISO 1
GNDISO 2
V2P
3
V1P
4
GND
20
VDD
19
EMI_CTRL
18
V2/TEMP
17
VM
5
RESET_EN
16
IM
6
DATA
15
IP
7
XTAL2
14
LDO
8
XTAL1
13
REF
9
SYNC
12
GNDISO 10
GND
11
Figure 11. Pin Configuration, ADE7933/ADE7932
Table 14. Pin Function Descriptions, ADE7933/ADE7932
Pin No.
Mnemonic
Description
1
VDDISO
Isolated Secondary Side Supply Voltage. This pin provides access to the 3.3 V on-chip isolated power supply.
Do not connect active external circuitry to this pin. Decouple this pin with a 10 µF capacitor in parallel with a
ceramic 0.1 µF capacitor.
2, 10
GNDISO
Ground Reference for the Isolated Secondary Side. This pin provides the ground reference for the analog
circuitry. Use this quiet ground reference for all analog circuitry.
3, 4, 5
V2P, V1P, VM
Analog Inputs for the Voltage Channels. These channels are used with voltage transducers and are referred to in
this data sheet as the voltage channels. These inputs are pseudo differential voltage inputs with a maximum
signal level of ±0.5 V with respect to VM for specified operation. Use these pins with the related input circuitry,
as shown in Figure 34. The second voltage channel (V2P) is available on the ADE7933 only. If the V1P or V2P pin
is not used on the ADE7933, connect the pin to the VM pin. On the ADE7932, the V2P pin must always be
connected to the VM pin.
6, 7
IM, IP
Analog Inputs for the Current Channel. This channel is used with shunts and is referred to in this data sheet as
the current channel. These inputs are pseudo differential voltage inputs with a maximum differential level of
±31.25 mV. Use these pins with the related input circuitry, as shown in Figure 34.
8
LDO
2.5 V Output of the Analog Low Dropout (LDO) Regulator. Decouple this pin with a 4.7 µF capacitor in parallel
with a ceramic 100 nF capacitor using GNDISO (Pin 10). Do not connect active external circuitry to this pin.
9
REF
Voltage Reference. This pin provides access to the on-chip voltage reference. The on-chip reference has a
nominal value of 1.2 V. Decouple this pin to GNDISO (Pin 10) with a 4.7 µF capacitor in parallel with a ceramic
100 nF capacitor.
11, 20
GND
Primary Ground Reference.
12
SYNC
Synchronization Pin. The 4.096 MHz clock signal generated by the ADE7978 is used for serial communication
between the ADE7933/ADE7932 and the ADE7978. Connect the ADE7933/ADE7932 SYNC pin to the SYNC pin
of the ADE7978.
13
XTAL1
Master Clock. Connect this pin to the ADE7978 CLKOUT pin. The clock frequency for specified operation is
4.096 MHz. When the ADE7933/ADE7932 and the ADE7978 are used as a chipset, the ADE7933/ADE7932 must
function synchronously with the ADE7978; therefore, the XTAL1 pin of the ADE7933/ADE7932 must be connected to
the CLKOUT pin of the ADE7978. If the ADE7933/ADE7932 are used as standalone chips, a crystal with a maxi-
mum drive level of 0.5 mW and an ESR of 20 Ω can be connected across XTAL1 and XTAL2 to provide a clock source
for the ADE7933/ADE7932. The clock frequency for specified operation is 4.096 MHz, but lower frequencies
down to 3.6 MHz can be used. For more information, see the ADE7978 and ADE7933/ADE7932 Clocks section.
14
XTAL2
Leave this pin open when the ADE7933/ADE7932 are used with the ADE7978. If the ADE7933/ADE7932 are used
as standalone chips, a crystal with a maximum drive level of 0.5 mW and an ESR of 20 Ω can be connected across
XTAL1 and XTAL2 to provide a clock source for the ADE7933/ADE7932.
15
DATA
Data Output for Communication with the ADE7978. Connect the DATA pin to one of the following pins on the
ADE7978: DATA_A, DATA_B, DATA_C, or DATA_N. Connect the DATA pin of the Phase A ADE7933/ADE7932 to
the DATA_A pin of the ADE7978, and so on.
16
RESET_EN
Reset Input Enable, Active Low. The ADE7933/ADE7932 is reset by setting the RESET_EN pin low and toggling
the V2/TEMP pin four times with a frequency of 4.096 MHz. The reset ends when this pin and the V2/TEMP pin
are set high (see the Hardware Reset section).
17
V2/TEMP
This input pin selects the signal that is converted at the second voltage channel of the ADE7933. (In the
ADE7932, the temperature sensor is always converted by the second voltage channel.) When this pin is high,
the voltage input V2P is sensed; when this pin is low, the temperature sensor is measured. The V2/TEMP pin is
also used during the ADE7933/ADE7932 reset procedure. For both the ADE7933 and ADE7932, the V2/TEMP
pin must always be connected to one of the following pins on the ADE7978: VT_A, VT_B, VT_C, or VT_N.
Connect the V2/TEMP pin of the Phase A ADE7933/ADE7932 to the VT_A pin of the ADE7978, and so on. For
more information, see the Second Voltage Channel and Temperature Measurement section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com