Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 77 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 73Page - Analog Devices ADE7933 Datasheet HTML 74Page - Analog Devices ADE7933 Datasheet HTML 75Page - Analog Devices ADE7933 Datasheet HTML 76Page - Analog Devices ADE7933 Datasheet HTML 77Page - Analog Devices ADE7933 Datasheet HTML 78Page - Analog Devices ADE7933 Datasheet HTML 79Page - Analog Devices ADE7933 Datasheet HTML 80Page - Analog Devices ADE7933 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 77 of 120
POWER MANAGEMENT
DC-TO-DC CONVERTER
The dc-to-dc converter section of the ADE7933/ADE7932 works
on principles that are common to most modern power supply
designs. VDD power is supplied to an oscillating circuit that
switches current into a chip scale air core transformer. Power is
transferred to the secondary side, where it is rectified to a 3.3 V
dc voltage. This voltage is then supplied to the ADC section of
the ADE7933/ADE7932 through a 2.5 V LDO regulator.
The state of the internal dc-to-dc converter in the ADE7933/
ADE7932 is controlled by the VDD input. In normal opera-
tional mode, maintain VDD at a voltage from 2.97 V to 3.63 V.
Figure 95 is a block diagram of the ADE7933/ADE7932 isolated
dc-to-dc converter. The primary supply voltage input (VDD)
supplies an ac source. The ac signal passes through a chip scale
air core transformer and is transferred to the secondary side. A
rectifier then produces the isolated power supply, VDDISO. Using
another chip scale air core transformer, a feedback circuit measures
VDDISO and passes the information back to the VDD domain,
where a PWM control block controls the ac source to maintain
VDDISO at 3.3 V.
AC SOURCE
ISOLATION
BARRIER
RECTIFIER
VDDISO
FEEDBACK
CIRCUIT
PWM
CONTROL
TO ADC
BLOCK
VDD = 3.3V
Figure 95. Isolated DC-to-DC Converter Block Diagram
The PWM control block operates at a frequency of 1.024 MHz
(CLKIN/4). Every other half period, the control block generates a
PWM pulse to the ac source based on the state of the EMI_CTRL
pin (see Figure 96).
0
1
2
3
4
5
6
7
0
1
PWM CONTROL PULSE
WHEN EMI_CTRL = GND
PWM CONTROL PULSE
WHEN EMI_CTRL = VDD
1.024MHz CLOCK
Figure 96. PWM Control Block Generates Pulses Based on 1.024 MHz Clock
Each time a PWM pulse is generated, the ac source transmits
very high frequency signals across the isolation barrier to allow
efficient power transfer through the small chip scale transformers.
This transfer creates high frequency currents that can propagate
in circuit board ground and power planes, causing edge and
dipole radiation.
To manage electromagnetic interference (EMI) issues, attention
must be paid to proper PCB layout. The Layout Guidelines
section describes the best approach to PCB layout. In addition
to creating a well-designed PCB layout, the designer can use the
EMI_CTRL pin to help reduce the emissions generated by the
dc-to-dc converter of the ADE7933/ADE7932.
Every four periods of the clock that manages the PWM control
block are divided into eight slots, Slot 0 to Slot 7 (see Figure 96).
When the EMI_CTRL pin is connected to GND, the PWM
control block generates pulses during Slot 0, Slot 2, Slot 4, and
Slot 6. When the EMI_CTRL pin is connected to VDD, the PWM
control block generates pulses during Slot 1, Slot 3, Slot 5, and
Slot 7. Table 34 describes the recommended connections for the
EMI_CTRL pin in all configurations of a 3-phase energy meter.
Table 34. Connection of EMI_CTRL Pins
No. of ADE7933/
ADE7932 Devices
EMI_CTRL Pin Connections
1
Connect the pin to GND
2
Connect the pin to GND on one device;
connect the pin to VDD on the other device
3
Connect the pin to GND on two devices;
connect the pin to VDD on the third device
4
Connect the pin to GND on two devices;
connect the pin to VDD on the other devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com