Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 22Page - Analog Devices ADE7933 Datasheet HTML 23Page - Analog Devices ADE7933 Datasheet HTML 24Page - Analog Devices ADE7933 Datasheet HTML 25Page - Analog Devices ADE7933 Datasheet HTML 26Page - Analog Devices ADE7933 Datasheet HTML 27Page - Analog Devices ADE7933 Datasheet HTML 28Page - Analog Devices ADE7933 Datasheet HTML 29Page - Analog Devices ADE7933 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 26 of 120
TEST CIRCUIT
12
19
ADE7933A
ADE7933B
ADE7933C
ADE7933N
XTAL1
XTAL2
VDD
19
XTAL1
XTAL2
VDD
XTAL1
XTAL2
DATA
SYNC
EMI_CTRL
14
13
17
16
15
18
12
14
13
17
16
15
18
14
13
19
17
16
15
18
12
GND
GND
11
20
GND
GND
11
20
GND
11
20
TS4148
TS4148
TS4148
TS4148
TS4148
150Ω
FERRITE
150Ω
FERRITE
150Ω
FERRITE
150Ω
FERRITE
IP
IM
33nF
33nF
33nF
100nF
4.7µF
100nF
4.7µF
V1P
VM
V2P
7
6
4
5
3
GNDISO
VDDISO
2
1
GNDISO
LDO
10
8
9
REF
GND
VDD
SAME AS IN
ADE7933A
SAME AS IN
ADE7933A
SAME AS IN
ADE7933A
SAME AS IN
ADE7933A
SAME AS IN
ADE7933A
SAME AS IN
ADE7933A
VDDISO
GNDISO
V2P
V1P
VM
IM
IP
LDO
REF
GNDISO
1
2
3
4
5
6
7
8
9
10
VDDISO
GNDISO
V2P
V1P
VM
IM
IP
LDO
REF
GNDISO
1
2
3
4
5
6
7
8
9
10
V1PIN_A
V2PIN_A
RESET_EN
V2/TEMP
SYNC
EMI_CTRL
DATA
RESET_EN
V2/TEMP
SYNC
EMI_CTRL
DATA
RESET_EN
V2/TEMP
XTAL1
XTAL2
VDD
19
14
13
17
16
15
18
12
GND
GND
11
20
VDDISO
GNDISO
V2P
V1P
VM
IM
IP
LDO
REF
GNDISO
1
2
3
4
5
6
7
8
9
10
SYNC
EMI_CTRL
DATA
RESET_EN
V2/TEMP
ADE7978
28
DATA_A
27
VT_A
5
SYNC
3
RESET_EN
CLKOUT
DATA_B
4
25
24
2
VT_B
1
DATA_C
7
VT_C
6
VT_N
8
DATA_N
9
IRQ0
IRQ1
RESET
CF1
CF2
CF3/HSCLK
SCLK/SCL
MISO/HSD
MOSI/SDA
GND
VDD
LDO
DGND
XTALIN
XTALOUT
ZX/DREADY
100nF
21
20
22
23
20pF
20pF
16.384MHz
10kΩ
10kΩ
10kΩ
10kΩ
80.6Ω
10kΩ
SAME AS
CF1
11
10
TO MCU
TO MCU
12
13
14
SS/HSA
15
TO MCU
16
TO MCU
17
TO MCU
18
TO MCU
19
TO MCU
26
TO MCU
3.3V
3.3V
3.3V
3.3V
1µF
10µF
100nF
3.3V
4.7µF
10kΩ
10µF
100nF
330kΩ
330kΩ 330kΩ
330kΩ 330kΩ 330kΩ
1kΩ
1kΩ
1kΩ
33nF
1kΩ
33nF
1kΩ
10µF
100nF
3.3V
3.3V
IPIN_A
GND_A
IMIN_A
Figure 34. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com