Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 42Page - Analog Devices ADE7933 Datasheet HTML 43Page - Analog Devices ADE7933 Datasheet HTML 44Page - Analog Devices ADE7933 Datasheet HTML 45Page - Analog Devices ADE7933 Datasheet HTML 46Page - Analog Devices ADE7933 Datasheet HTML 47Page - Analog Devices ADE7933 Datasheet HTML 48Page - Analog Devices ADE7933 Datasheet HTML 49Page - Analog Devices ADE7933 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 46 of 120
If Bit 16 (sag) in the MASK1 register is set and a sag event
occurs, the IRQ1 interrupt pin is driven low at the same time
that Bit 16 (sag) in the STATUS1 register is set to 1. The sag bit
in the STATUS1 register and the IRQ1 pin are returned high by
writing a 1 to Bit 16 in the STATUS1 register.
Note that the internal zero-crossing counter is always active. When
the SAGLVL register is set, the first sag detection result is, therefore,
not executed across a full SAGCYC period. Writing to the SAGCYC
register when the SAGLVL register is already initialized resets the
zero-crossing counter, thus ensuring that the first sag detection
result is obtained across a full SAGCYC period.
The recommended procedure to manage sag events is as follows:
1. Configure Bit 6 (SAGCFG) in the ACCMODE register to
select the desired behavior of the sag status bit (Bit 16) in
the STATUS1 register.
2. Enable sag interrupts in the MASK1 register by setting Bit 16
(sag) to 1. When a sag event occurs, the IRQ1 interrupt pin
goes low, and Bit 16 (sag) in the STATUS1 register is set to 1.
3. Read the STATUS1 register to verify that Bit 16 is set to 1.
4. Read the PHSTATUS register (Bits[14:12]) to identify the
phase or phases on which the sag event occurred.
5. Write to the STATUS1 register with Bit 16 (sag) set to 1.
The sag bit is erased immediately.
Sag Detection Level Setting
The contents of the sag level register (SAGLVL[23:0]) are
compared to the absolute value of the output from the HPF.
Writing 5,320,000 to the SAGLVL register sets the sag detection
level to full scale (see the Voltage Channel ADC section); there-
fore, the sag event is triggered continuously. Writing 0x00 or
0x01 to the SAGLVL register sets the sag detection level to 0;
therefore, the sag event is never triggered.
0000 0000
24-BIT NUMBER
31
24 23
0
Figure 61. 24-Bit SAGLVL Register Transmitted as a 32-Bit Word
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words. The SAGLVL register is transmitted as a 32-bit register
with the eight MSBs padded with 0s (see Figure 61).
PEAK DETECTION
The ADE7978 records the maximum absolute values reached by
the phase current and voltage channels over a specified number
of half line cycles and stores them in the least significant 24 bits
of the 32-bit IPEAK and VPEAK registers (Address 0xE500 and
Address 0xE501).
The PEAKCYC register (Address 0xE703) contains the number
of half line cycles used as a time base for the measurement. The
circuit uses the zero-crossing points identified by the zero-crossing
detection circuit. Bits[4:2] (PEAKSEL[2:0]) in the MMODE
register (Address 0xE700) select the phases on which the peak
measurement is performed. Bit 2 selects Phase A, Bit 3 selects
Phase B, and Bit 4 selects Phase C.
Selecting more than one phase to monitor the peak values
decreases proportionally the measurement period specified in
the PEAKCYC register because zero crossings from more than
one phase are involved in the process. When a new peak value is
determined, Bits[26:24] (IPPHASE[2:0]) in the IPEAK register
or Bits[26:24] (VPPHASE[2:0]) in the VPEAK register identify
the phase that triggered the peak detection event.
For example, if a peak value is identified on the Phase A current,
Bit 24 (IPPHASE[0]) in the IPEAK register is set to 1. If a new
peak value is then measured on Phase B, Bit 24 (IPPHASE[0])
of the IPEAK register is cleared to 0, and Bit 25 (IPPHASE[1])
is set to 1. Figure 62 shows the composition of the IPEAK and
VPEAK registers.
PEAK DETECTED
ON PHASE C
00000
31
27 26 25 24 23
0
24-BIT UNSIGNED NUMBER
PEAK DETECTED
ON PHASE A
IPPHASE/VPPHASE BITS
PEAK DETECTED
ON PHASE B
Figure 62. Composition of IPEAK[31:0] and VPEAK[31:0] Registers
Figure 63 shows how the ADE7978 records the peak value on
the current channel when measurements on Phase A and Phase B
are enabled (PEAKSEL[2:0] bits in the MMODE register are set
to 011).
PHASE A
CURRENT
PHASE B
CURRENT
BIT 24
OF IPEAK
BIT 25
OF IPEAK
PEAK VALUE WRITTEN INTO
IPEAK AT THE END OF FIRST
PEAKCYC PERIOD
END OF FIRST
PEAKCYC = 16 PERIOD
BIT 24 OF IPEAK
CLEARED TO 0 AT
THE END OF SECOND
PEAKCYC PERIOD
BIT 25 OF IPEAK
SET TO 1 AT THE
END OF SECOND
PEAKCYC PERIOD
END OF SECOND
PEAKCYC = 16 PERIOD
PEAK VALUE WRITTEN INTO
IPEAK AT THE END OF
SECOND PEAKCYC PERIOD
Figure 63. Peak Level Detection
In this example, PEAKCYC is set to 16, meaning that the peak
measurement cycle is four line periods. The maximum absolute
value of Phase A is greatest during the first four line periods
(PEAKCYC = 16); therefore, the maximum absolute value is
written to the least significant 24 bits of the IPEAK register, and
Bit 24 (IPPHASE[0]) of the IPEAK register is set to 1 at the end
of the period. This bit remains set to 1 for the duration of the
second PEAKCYC period of four line cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com