Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 65 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 61Page - Analog Devices ADE7933 Datasheet HTML 62Page - Analog Devices ADE7933 Datasheet HTML 63Page - Analog Devices ADE7933 Datasheet HTML 64Page - Analog Devices ADE7933 Datasheet HTML 65Page - Analog Devices ADE7933 Datasheet HTML 66Page - Analog Devices ADE7933 Datasheet HTML 67Page - Analog Devices ADE7933 Datasheet HTML 68Page - Analog Devices ADE7933 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 65 of 120
POWER FACTOR CALCULATION AND TOTAL HARMONIC DISTORTION CALCULATION
POWER FACTOR CALCULATION
The ADE7978 provides a direct power factor measurement
simultaneously on all phases. Power factor in an ac circuit is
defined as the ratio of the total active power flowing to the load
to the apparent power. The absolute power factor measurement
is defined in terms of leading or lagging, referring to whether
the current waveform is leading or lagging the voltage waveform.
When the current waveform is leading the voltage waveform, the
load is capacitive and is defined as a negative power factor. When
the current waveform is lagging the voltage waveform, the load
is inductive and is defined as a positive power factor. Figure 83
illustrates the relationship of the current waveform to the
voltage waveform.
V
I
ACTIVE (–)
REACTIVE (–)
PF (+)
CAPACITIVE:
CURRENT LEADS
VOLTAGE
INDUCTIVE:
CURRENT LAGS
VOLTAGE
ACTIVE (+)
REACTIVE (–)
PF (–)
ACTIVE (–)
REACTIVE (+)
PF (–)
ACTIVE (+)
REACTIVE (+)
PF (+)
θ = +60° PF = –0.5
θ = –60° PF = +0.5
Figure 83. Capacitive and Inductive Loads
As shown in Figure 83, the reactive power measurement is
negative when the load is capacitive and positive when the load
is inductive. The sign of the reactive power can therefore be
used to reflect the sign of the power factor. The ADE7978 uses
the sign of the total reactive power as the sign of the absolute
power factor. If the total reactive power is in a no load state, the
sign of the power factor is the sign of the total active power.
Equation 48 shows the mathematical definition of power factor.
Power Factor = (Sign Total Reactive Power) ×
(48)
Power
Apparent
Power
Active
Total
The ADE7978 provides a power factor measurement on all phases
simultaneously. These readings are stored in three 16-bit signed
twos complement registers: APF (Address 0xE902) for Phase A,
BPF (Address 0xE903) for Phase B, and CPF (Address 0xE904)
for Phase C. The MSB of these registers indicates the polarity of
the power factor. Each LSB of the APF, BPF, and CPF registers
equates to a weight of 2−15. Therefore, the maximum register value
of 0x7FFF equates to a power factor value of 1, and the minimum
register value of 0x8000 corresponds to a power factor of −1. If
the power factor is outside the −1 to +1 range (because of offset
and gain calibrations), the result is set to −1 or +1, depending
on the sign of the fundamental reactive power.
By default, the instantaneous total phase active and apparent
powers are used to calculate the power factor; the registers are
updated at a rate of 8 kHz. The sign bit is taken from the instan-
taneous total phase reactive energy measurement on each phase.
If a power factor measurement with more averaging is required,
the ADE7978 can use the line cycle accumulation measurement
on the active and apparent energies to determine the power
factor. This option provides a more stable power factor reading.
To use the line cycle accumulation mode to determine the power
factor, the ADE7978 must be configured as follows:
•
Set the PFMODE bit (Bit 7) to 1 in the LCYCMODE
register (Address 0xE702).
•
Enable line cycle accumulation mode on both the active
and apparent energies by setting the LWATT and LVA bits
to 1 in the LCYCMODE register. The update rate of the
power factor measurement is now an integral number of
half line cycles that can be programmed in the LINECYC
register (Address 0xE60C).
For complete information about configuring line cycle accumu-
lation mode, see the Line Cycle Active Energy Accumulation Mode
and Line Cycle Apparent Energy Accumulation Mode sections.
Note that the power factor measurement is affected by the no
load condition if no load detection is enabled (see the No Load
Condition section). If the apparent energy no load condition is
true, the power factor measurement is set to 1. If the no load
condition based on total active and reactive energies is true, the
power factor measurement is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com