Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 112 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 108Page - Analog Devices ADE7933 Datasheet HTML 109Page - Analog Devices ADE7933 Datasheet HTML 110Page - Analog Devices ADE7933 Datasheet HTML 111Page - Analog Devices ADE7933 Datasheet HTML 112Page - Analog Devices ADE7933 Datasheet HTML 113Page - Analog Devices ADE7933 Datasheet HTML 114Page - Analog Devices ADE7933 Datasheet HTML 115Page - Analog Devices ADE7933 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 112 of 120
Table 50. CFMODE Register (Address 0xE610)
Bits
Bit Name
Default Value
Description
[2:0]
CF1SEL[2:0]
000
000: CF1 frequency is proportional to the sum of the total active powers on each phase
identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
001: CF1 frequency is proportional to the sum of the total reactive powers on each phase
identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
010: CF1 frequency is proportional to the sum of the apparent powers on each phase
identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
011: CF1 frequency is proportional to the sum of the fundamental active powers on each
phase identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
100: CF1 frequency is proportional to the sum of the fundamental reactive powers on each
phase identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
101, 110, 111: reserved. The CF1 signal is not generated.
[5:3]
CF2SEL[2:0]
001
000: CF2 frequency is proportional to the sum of the total active powers on each phase
identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
001: CF2 frequency is proportional to the sum of the total reactive powers on each phase
identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
010: CF2 frequency is proportional to the sum of the apparent powers on each phase
identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
011: CF2 frequency is proportional to the sum of the fundamental active powers on each
phase identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
100: CF2 frequency is proportional to the sum of the fundamental reactive powers on each
phase identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
101, 110, 111: reserved. The CF2 signal is not generated.
[8:6]
CF3SEL[2:0]
010
000: CF3 frequency is proportional to the sum of the total active powers on each phase
identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
001: CF3 frequency is proportional to the sum of the total reactive powers on each phase
identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
010: CF3 frequency is proportional to the sum of the apparent powers on each phase
identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
011: CF3 frequency is proportional to the sum of the fundamental active powers on each
phase identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
100: CF3 frequency is proportional to the sum of the fundamental reactive powers on each
phase identified by Bits[8:6] (TERMSEL3[x]) in the COMPMODE register.
101, 110, 111: reserved. The CF3 signal is not generated.
9
CF1DIS
1
0: CF1 output is enabled.
1: CF1 output is disabled. The energy-to-frequency converter remains enabled.
10
CF2DIS
1
0: CF2 output is enabled.
1: CF2 output is disabled. The energy-to-frequency converter remains enabled.
11
CF3DIS
1
0: CF3 output is enabled.
1: CF3 output is disabled. The energy-to-frequency converter remains enabled.
12
CF1LATCH
0
0: no latching of energy registers occurs when a CF1 pulse is generated.
1: the contents of the corresponding energy registers are latched when a CF1 pulse
is generated. See the Synchronizing Energy Registers with the CFx Outputs section.
13
CF2LATCH
0
0: no latching of energy registers occurs when a CF2 pulse is generated.
1: the contents of the corresponding energy registers are latched when a CF2 pulse is
generated. See the Synchronizing Energy Registers with the CFx Outputs section.
14
CF3LATCH
0
0: no latching of energy registers occurs when a CF3 pulse is generated.
1: the contents of the corresponding energy registers are latched when a CF3 pulse is
generated. See the Synchronizing Energy Registers with the CFx Outputs section.
15
Reserved
0
Reserved. This bit does not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com