Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 19Page - Advanced Micro Devices AM7969 Datasheet HTML 20Page - Advanced Micro Devices AM7969 Datasheet HTML 21Page - Advanced Micro Devices AM7969 Datasheet HTML 22Page - Advanced Micro Devices AM7969 Datasheet HTML 23Page - Advanced Micro Devices AM7969 Datasheet HTML 24Page - Advanced Micro Devices AM7969 Datasheet HTML 25Page - Advanced Micro Devices AM7969 Datasheet HTML 26Page - Advanced Micro Devices AM7969 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 127 page
background image
AMD
19
Am7968/Am7969
Notes:
1. DMS = GND = 8 Bit Mode
TLS = GND = Local Mode
Pin 11 = Don’t Connect = Local Mode
2. DMS = VCC = 9 Bit Mode
TLS = GND = Local Mode
Pin 11 = Don’t Connect = Local Mode
3. Two 8-bit local mode systems in parallel will result in an effective data rate of 200 Mbps.
4. Use inverter for operation above 140 MHz only.
*Alternatively, the X1 inputs may be driven by external TTL frequency sources.
Figure 3. TAXIchip System in Local Mode
(Note 1)
SEROUT+
SEROUT–
STRB
ACK
CLK
TAXI TX #1
TLS
DMS
X1
X2
Message Transfer Control Logic
Data
Source
Command
Source
8
3.3 MHz to
17.5 MHz
8
3.3 MHz to
17.5 MHz
X1
X2
DMS
CLOCK
SERIN+ SERIN–
CNB
DSTRB
IGM
VLTN
CSTRB
TAXI RX #1
4
DO0– DO7
CO0 – CO3
Data
Destination
Command
Destination
Data Path Control Logic
Message Transfer Control Logic
Command
Source
Data
Source
9
3
SEROUT+
SEROUT–
STRB
ACK
CLK
TLS
DMS
X1
X2
TAXI TX #2
To Other Stages
SERIN+ SERIN–
X1
X2
DMS
CLOCK
3.3 MHz to
17.5 MHz
IGM
VLTN
CNB
DSTRB
DO0 – DO8
CO0 – CO2
CSTRB
9
3
Data
Destination
Command
Destination
Data Path Control Logic
TAXI RX #2
4
*
(Note 4)
(Note 1)
(Note 2)
(Note 4)
*
*
07370F-12
DI0 – DI7
CI0 – CI3
DI0 – DI8
CI0 – CI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com