Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 81Page - Advanced Micro Devices AM7969 Datasheet HTML 82Page - Advanced Micro Devices AM7969 Datasheet HTML 83Page - Advanced Micro Devices AM7969 Datasheet HTML 84Page - Advanced Micro Devices AM7969 Datasheet HTML 85Page - Advanced Micro Devices AM7969 Datasheet HTML 86Page - Advanced Micro Devices AM7969 Datasheet HTML 87Page - Advanced Micro Devices AM7969 Datasheet HTML 88Page - Advanced Micro Devices AM7969 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
AMD
81
TAXIchip Integrated Circuits Technical Manual
The Data Out Lines
When a Receiver sees the Sync symbol it sends the data byte it just received from its
Input Latch to its Decoder Latch, and then the receiver lowers its IGM. One more clock
cycle is required for the data to go to the Output Latch. At this point DSTRB is raised. In
this way all data bytes are output simultaneously from all receivers, two clock cycles
after the first Sync (or two clock cycles after a LOW CNB). The DSTRBs of all the
receivers rise simultaneously as well.
The VLTN (Violation) Pin
In Cascade mode the VLTN pin acts exactly like a Data Out line. The timings are exactly
the same. Violations do not change the output of the IGM pin. i.e., a Receiver that gets a
VLTN will still raise it’s IGM signal as if it received a valid data byte.
7.3 Auto-Repeat Configuration
7.3.1 Receiver Connections in Auto-Repeat Configuration
In Auto-repeat Configuration the IGM of the last Receiver on the line is inverted and tied
to the CNB of the Primary Receiver. This connection eliminates the need to send a Sync
between each Data Word.
In a 3-Receiver cascade system, IGM3 is inverted and tied to CNB1. When the IGM of
the last Receiver goes high, CNB1 goes LOW.
CNB1 going LOW ripples through the chain pulling each IGM LOW (t46 ns) until finally
the last IGM goes LOW again, pulling CNB1 HIGH resetting RX1 to receive new data.
In Figures 7-6 and 7-7, as each Receiver decodes its data byte, it raises its IGM and
thus the next Receiver’s CNB.
Figure 7-6
TAXI Receiver—Cascaded in Auto-Repeat
SERIN+
SERIN–
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
CNB
IGM
DSTRB
CSTRB
12330E-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com