Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 79Page - Advanced Micro Devices AM7969 Datasheet HTML 80Page - Advanced Micro Devices AM7969 Datasheet HTML 81Page - Advanced Micro Devices AM7969 Datasheet HTML 82Page - Advanced Micro Devices AM7969 Datasheet HTML 83Page - Advanced Micro Devices AM7969 Datasheet HTML 84Page - Advanced Micro Devices AM7969 Datasheet HTML 85Page - Advanced Micro Devices AM7969 Datasheet HTML 86Page - Advanced Micro Devices AM7969 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
AMD
79
TAXIchip Integrated Circuits Technical Manual
Figure 7-4
Receiver Timing—8-Bit Cascade Mode
Internal
Clock*
SERIN
Serial Data
NRZ Data*
CLK OUT
IGM TAXI #1 =
CNB TAXI #2
DATA OUT
Command
OUT
DSTRB OUT
Command
OUT
DATA OUT
DATA N
DATA N
SYNC
DATA 1
DATA 2
SYNC
SYNC
SYNC
3
2
NO CHANGE
COMMAND 0
11000100011100010001
NO CHANGE
NO CHANGE
NO CHANGE
NO CHANGE
CNB TAXI #1 = 1
NO CHANGE
NO CHANGE
NO CHANGE
NO CHANGE
DATA N–1
NO CHANGE
NO CHANGE
NO CHANGE
NO CHANGE
DATA N
NO CHANGE
1
456
1100010001
DATA 1
DATA 2
11000100011100010001
CSTRB OUT
NO CHANGE
NO CHANGE
NO CHANGE
NO CHANGE
NO CHANGE
CSTRB OUT
DSTRB OUT
* Internal Signals
1100010001
SYNC
SYNC
NO CHANGE
NO CHANGE
TAXI
#2
TAXI
#1
12330E-26
If CNB is HIGH, the Receiver will catch the next valid byte of data and hold it. It will not
attempt to catch any more data until it sees a Sync command from the Transmitter or
until its CNB goes LOW and then HIGH again.
If CNB is held LOW, the Receiver will not attempt to capture any data.
When the Primary Receiver RX1 catches a valid data byte it will raise its IGM (I Got
Mine) so the next Receiver RX2 can catch the next byte and so on down the line. After
all the receivers in the system have received their bytes a Sync must be sent or the next
byte of data will be lost(3) .
Referring to Figure 7-5 for a system of Cascaded Receivers.
(3)
In the Auto-Repeat Configuration, a Sync is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com