Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 75Page - Advanced Micro Devices AM7969 Datasheet HTML 76Page - Advanced Micro Devices AM7969 Datasheet HTML 77Page - Advanced Micro Devices AM7969 Datasheet HTML 78Page - Advanced Micro Devices AM7969 Datasheet HTML 79Page - Advanced Micro Devices AM7969 Datasheet HTML 80Page - Advanced Micro Devices AM7969 Datasheet HTML 81Page - Advanced Micro Devices AM7969 Datasheet HTML 82Page - Advanced Micro Devices AM7969 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
AMD
75
TAXIchip Integrated Circuits Technical Manual
Figure 7-1
Cascaded TAXI System
8
4
12330E-1
CLOCK
DMS
X1 X2
SERIN+ SERIN–
CNB
DSTRB DO0–DO7 CO0–CO3 CSTRB
TAXI RX #1
CLOCK
DMS
X1 X2
SERIN+ SERIN–
DSTRB DO0–DO7 CO0–CO3 CSTRB
CNB
IGM
VLTN
IGM
VLTN
TAXI RX #2
TAXI TX #1
ACK
Data Path Control Logic
Data Path Control Logic
Mixed Data
Sources
Data
Destination
Command
Destination
Data
Destination
Command
Destination
84
From an External
TTL Frequency Source
12.5 MHz
To Next
Stage
(Note 2)
12.5 MHz
VCC
(Note 1)
TAXI RX #1
*
84
X1
X2
DMS
TLS
SEROUT+
SEROUT–
DI0–DI7
CI0–CI7
STRB ACK
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com