Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 64Page - Advanced Micro Devices AM7969 Datasheet HTML 65Page - Advanced Micro Devices AM7969 Datasheet HTML 66Page - Advanced Micro Devices AM7969 Datasheet HTML 67Page - Advanced Micro Devices AM7969 Datasheet HTML 68Page - Advanced Micro Devices AM7969 Datasheet HTML 69Page - Advanced Micro Devices AM7969 Datasheet HTML 70Page - Advanced Micro Devices AM7969 Datasheet HTML 71Page - Advanced Micro Devices AM7969 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
AMD
64
TAXIchip Integrated Circuits Technical Manual
threshold level of the receiver’s differential amplifier. Once the Receiver recognizes the
state change, variations in the falling edge are not significant.
To avoid edge rate variations due to driver turn-off, we must equate the voltage to which
the driver is taken at turn-off with a point in the logic swing which will guarantee that the
Receiver changes state. Since PECL logic swings are 800 mV, we may safely choose a
500 mV change at the driver (100 mV past the midpoint) as a guaranteed state change
at the Receiver. If the driver turns off instantly, we require the voltage divider formed by
RE and Z0 to produce a 500 mV change from VOH. We can write:
VOH RE/(RE + Z0) = VOH – 0.5
4.1 x RE/(RE + Z0) = 3.6
RE = 7.33 Z0
As a general rule, we may then say that:
186 < RE < 7.33 Z0
Figure 5-3
Pull-Down and Termination for AC Coupled Link
12330E-10
R2
VCC
R1
SERIN
TAXI RX
SEROUT
TAXI TX
Pseudo-ECL
Driver
Copper Media
RE
C
Figure 5-4
Serial Link with Output Driver Model
12330E-11
R2
VCC
R1
SERIN
TAXI RX
SWI
TAXI TX
Pseudo-ECL
Driver (Model)
Copper Media
RE
C
VOH
R0
B
5.4 Baseline Wander and the AC Coupling Capacitor
The 4B/5B and 5B/6B data encoding schemes which are used by the TAXIchip set are
run-length limited to a maximum of 3 consecutive LOW states (non-transitions in NRZI).
This type of encoding ensures that on average there will be less than
±10% variation in
the DC component of the encoded data.
When the encoded data is passed through an AC coupled link, the high-pass filtering of
the AC coupling will introduce jitter because of the fluctuating threshold caused by the
variation in DC component. This undesired side-effect of AC coupling is often described



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com