Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 86Page - Advanced Micro Devices AM7969 Datasheet HTML 87Page - Advanced Micro Devices AM7969 Datasheet HTML 88Page - Advanced Micro Devices AM7969 Datasheet HTML 89Page - Advanced Micro Devices AM7969 Datasheet HTML 90Page - Advanced Micro Devices AM7969 Datasheet HTML 91Page - Advanced Micro Devices AM7969 Datasheet HTML 92Page - Advanced Micro Devices AM7969 Datasheet HTML 93Page - Advanced Micro Devices AM7969 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
AMD
86
TAXIchip Integrated Circuits Technical Manual
the drive capability of the Transmitter and the termination circuit for multidrop transmis-
sion lines. Similarly, several Transmit bytes can be multiplexed to one Receiver. There
are no drive considerations in this case.
Figure 7-12 shows an example of an unbalanced mode of operation in which one
Transmitter is connected to three Receivers.
Figure 7-12
Unbalanced Configuration Example: One Transmitter to Three Receivers
SERIN
CNB
X1
IGM
8,
9,
10
Am7969
VCC
SERIN
CNB
X1
8,
9,
10
Am7969
SERIN
CNB
X1
IGM
8,
9,
10
Am7969
+
–
SEROUT
8,
9,
10
X1
X2
Am7968
TTL Data IN
Clock
OSC
12330E-34
TTL Data OUT
Note that in the Unbalanced Configuration, attention has to be given to where a Sync
will be needed. Either the Auto-Repeat Receiver Configuration should be used or a
Sync must be provided every (R + 1) bytes, where R is the number of Receivers
cascaded together. More information on proper use and requirement of SYNC, refer to
Appendix C, TAXI TIP #8903.
8.0 TEST MODE
The Phase Locked Loops (PLLs) in the TAXlchips are designed to run within a fre-
quency range that has been set for maximum efficiency and accuracy. The lower limit of
this frequency range is 40 MHz.
In Test Mode, the PLLs of the Transmitter and the Receiver are disconnected and the
internal clock is applied from an external source. This allows the TAXls to function at a
much slower speed. This mode was designed to simplify the testing of TAXls in an
automatic testing production environment. A by-product of Test Mode is that it allows the
user to run the TAXls in systems that are slower than 4 MHz (the minimum byte rate). In
this mode there is no minimum frequency.
A system that needs to transfer data at LOW byte data rates can normally be imple-
mented without modifying the standard setup, and Test Mode need not be used. When
there is no data to be sent, the TAXlchips will keep the line active by sending Syncs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com