Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 21Page - Advanced Micro Devices AM7969 Datasheet HTML 22Page - Advanced Micro Devices AM7969 Datasheet HTML 23Page - Advanced Micro Devices AM7969 Datasheet HTML 24Page - Advanced Micro Devices AM7969 Datasheet HTML 25Page - Advanced Micro Devices AM7969 Datasheet HTML 26Page - Advanced Micro Devices AM7969 Datasheet HTML 27Page - Advanced Micro Devices AM7969 Datasheet HTML 28Page - Advanced Micro Devices AM7969 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
AMD
21
Am7968/Am7969-125
Am7968/Am7969-125
ABSOLUTE MAXIMUM RATINGS
StorageTemperature
–65
°C to +150°C
. . . . . . . . . . . .
Ambient Temperature
Under Bias
–55
°C to +125°C
. . . . . . . . . . . . . . . . . . .
Supply Voltage to Ground
Potential Continuous
–0.5 V to +7.0 V
. . . . . . . . . . . .
DC Voltage Applied to
Outputs
–0.5 V to VCC Max
. . . . . . . . . . . . . . . . . . . . .
DC Input Voltage
–0.5 V to +5.5 V
. . . . . . . . . . . . . . .
DC Output Current
±100 mA
. . . . . . . . . . . . . . . . . . .
DC Input Current
–30 mA to +5.0 mA
. . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to +70°C
. . . . . . . . . . . . . . . . .
Supply Voltage (VCC)
+4.5 V to +5.5 V
. . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com