Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 61Page - Advanced Micro Devices AM7969 Datasheet HTML 62Page - Advanced Micro Devices AM7969 Datasheet HTML 63Page - Advanced Micro Devices AM7969 Datasheet HTML 64Page - Advanced Micro Devices AM7969 Datasheet HTML 65Page - Advanced Micro Devices AM7969 Datasheet HTML 66Page - Advanced Micro Devices AM7969 Datasheet HTML 67Page - Advanced Micro Devices AM7969 Datasheet HTML 68Page - Advanced Micro Devices AM7969 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
AMD
61
TAXIchip Integrated Circuits Technical Manual
using the Sync symbol to define byte boundaries. If the byte boundaries must be
re-aligned (on power-up or re-acquisition of signal), the logic will ensure that the CLK is
stretched (never shortened) upon re-sync to the new byte alignment. Due to this
behavior, the CLK output from the Receiver is not suitable as a direct frequency
reference for another TAXI Transmitter or Receiver. CLK is intended to be used by the
host system as a clock synchronous with the received data.
Figure 4-2
Cascaded Receiver Clock Connections
SERIN– SERIN+
SERIN– SERIN+
SERIN– SERIN+
12.5 MHz
Crystal
OSC
RX1
Am7969
(Primary Receiver)
VCC
CNB
CLK
X2
X1
IGM
DMS
RX2
Am7969
IGM
DMS
RX3
Am7969
IGM
DMS
CNB
CNB
X1
X1
X2
X2
N/C
From Serial Media
12330E-6
4.2.1 Cascade Mode Receivers (Am7969-125 Only)
When using an on-board TTL clock source, Receivers which are in Cascade mode
should have their X1 pin tied to the Crystal Oscillator and their X2 pin grounded.
Figure 4-2 shows a typical cascaded Receiver clock connection. The frequency source
for the Local mode Receiver should be either a crystal oscillator (as shown) or another
external TTL source. It should not be the CLK output of another Receiver. As discussed
above, the CLK output from the Receiver is not suitable as a frequency source for other
TAXI Receivers.
5.0 INTERFACING WITH THE SERIAL MEDIA
The Am7968/Am7969 TAXlchip set is capable of providing a high speed point-to-point
serial link over fiber-optic, coaxial, or twisted pair media. The choice of the appropriate
medium depends primarily on line length and data rate. This chapter discusses the
issues involved in media choice and the requirements for driving different types of
media.
Any TAXIchip set to media interface design must first take into account the electrical
properties of the TAXI Transmitter and TAXI Receiver. The Transmitter serial output
drivers are open emitter, emitter followers which generate pseudo-ECL (PECL) levels
when terminated by pull-down resistors to a voltage more negative than VOL. PECL is
ECL referenced to the +5 V supply, so that VOH = (5–0.8) and VOL = (5–1.8) volts. A safe
termination voltage which guarantees meeting VOL is 3 V or less. The Receiver input is a
long-tailed pair which will switch on 50 mV differential input voltage, with a large



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com