Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 67Page - Advanced Micro Devices AM7969 Datasheet HTML 68Page - Advanced Micro Devices AM7969 Datasheet HTML 69Page - Advanced Micro Devices AM7969 Datasheet HTML 70Page - Advanced Micro Devices AM7969 Datasheet HTML 71Page - Advanced Micro Devices AM7969 Datasheet HTML 72Page - Advanced Micro Devices AM7969 Datasheet HTML 73Page - Advanced Micro Devices AM7969 Datasheet HTML 74Page - Advanced Micro Devices AM7969 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
AMD
67
TAXIchip Integrated Circuits Technical Manual
For DC-coupled interconnections in which the distance between the TAXIchip set and
the optical module is less than 3
″, transmission line terminations are not necessary. All
that is required is the appropriate ECL pull-down as shown in Figure 5-7(1) . On these
short line lengths, elimination of line reflections is not critical. However, without any
increase in complexity or power consumption, line reflections can be reduced simply by
locating the pull-down resistor, RE, at the end of the line instead of at the beginning. This
reduces the reflection coefficient at the end of the line, and therefore, reducing the
magnitude of the reflections.
Figure 5-7
DC-Coupled TAXl-Fiber Optic Interface (Unterminated)
12330E-14
TAXI
TX
+
–
ODL
TX
+
–
RE
RE
L < 3
″, Z0
+5 V
186
≤ RE ≤ 7.2 (Z0)
TAXI
RX
+
–
ODL
RX
+
–
L < 3
″, Z0
+5 V
RE
RE
Optical Fiber
Note:
If the DC-coupled interconnection is longer than 3
″, transmission line terminations are necessary. For this
case, the suggested configuration is shown in Figure 5-8. Note that the line termination network also provides
the desired pull-down to VCC – 2 V, sufficiently below the output LOW level of VCC – 1.8 V
Figure 5-8
DC-Coupled TAXl-Fiber Optic Interface
12330E-15
TAXI
TX
+
–
ODL
TX
+
–
R2
R2
L>3
″, Z0
+5 V
TAXI
RX
+
–
ODL
RX
+
–
+5 V
R2
R2
Optical Fiber
R1
R1
R1
R1
R1R2
R1+ R2
= Z0
5R2
R1+ R2
= 3 V
Note:
If the optical and TAXI power and ground planes are decoupled as shown in Chapter 6, AC coupling is always
recommended to allow for variations in power and ground plane voltages. AC coupling is discussed in
Section 5.5.2.
L>3
″, Z0
(1) Adequate bypass capacitors have been omitted from this and the following figures to simplify the drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com