Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7969 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM7969
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7969 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM7969 Datasheet HTML 72Page - Advanced Micro Devices AM7969 Datasheet HTML 73Page - Advanced Micro Devices AM7969 Datasheet HTML 74Page - Advanced Micro Devices AM7969 Datasheet HTML 75Page - Advanced Micro Devices AM7969 Datasheet HTML 76Page - Advanced Micro Devices AM7969 Datasheet HTML 77Page - Advanced Micro Devices AM7969 Datasheet HTML 78Page - Advanced Micro Devices AM7969 Datasheet HTML 79Page - Advanced Micro Devices AM7969 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
AMD
72
TAXIchip Integrated Circuits Technical Manual
Figure 6-1
Transmitter and Receiver Decoupling Layouts
VCC1
(TTL)
VCC2
(ECL)
GND1
VCC3
(CML)
GND2
(CML)
Am7968
AB
C2
C1
C3
6
5
22 C1
C3
7
21
C1
C3
Leads must
be very short
(less than 1/4
″)
C1 = 0.1
µF (ceramic)
C2 = 1
µF Tantalum
C3 = 0.01
µF (ceramic)
VCC Plane
GND1
VCC2
(CML)
GND2
Am7969
D
C2
7
20
8
21
C1
C3
Transmitter
Receiver
C3
To further decouple the TAXIchip set, it is highly recommended that ferrite beads be inserted
at locations A, B and D.
12330E-19
C1
VCC Plane
VCC1
(TTL)
Figure 6-3
Jogs and Glitches in the Clock Line
Normal Overshoot < 0.5 V
CLK or X1
Jog or Glitch
Normal Undershoot < 0.5 V
12330E-20
3. Keep all bypass capacitors as close to the power pins of the device as possible. Lead
lengths should be minimized.
4. Use high quality RF grade capacitors such as type COG or X7R. Use of Z5U capaci-
tors is not recommended.
5. Ensure that the power supply does not have more that 100 mV of peak-to-peak noise
at any of the TAXI Vcc pins. Make this check while the TAXls are sending random
data.
6. While CLK can drive four X1 inputs or several TTL loads, the highest performance
can be achieved by reducing the load on the CLK pin. Care should be taken to en-
sure that no jogs or glitches occur in the CLK signal as shown in Figure 6-3. If pre-
sent, these glitches will be passed onto the PLL and cause an occasional error.
Serial Lines
7. Run serial outputs parallel to each other, or one on top of the other at all times and
route them away from the Transmitter. Do the same for serial inputs on the Receiver.
Running these serial traces adjacently will minimize noise caused by these extremely
fast signals on other traces. Use of strip lines for serial signals is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com